Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASFC Datasheet(PDF) 18 Page - Alliance Semiconductor Corporation

Part # ASFC
Description  Industrial embedded MMC 5.1 32 GBytes up to 128 GBytes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASFC Datasheet(HTML) 18 Page - Alliance Semiconductor Corporation

Back Button ASFC Datasheet HTML 14Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 15Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 16Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 17Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 18Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 19Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 20Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 21Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 22Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
8. The eMMC bus
The eMMC bus has eleven communication lines and three supply lines:
CMD: Command is a bidirectional signal. The host and Device drivers are operating in two modes,
open drain and push/pull.
DAT0-7: Data lines are bidirectional signals. Host and Device drivers are operating in push-pull
mode.
CLK: Clock is a host to Device signal. CLK operates in push-pull mode.
Data Strobe: Data Strobe is a Device to host signal. Data Strobe operates in push-pull mode.
Figure 10: Bus Circuitry Diagram
The ROD is switched on and off by the host synchronously to the open-drain and push-pull mode transitions.
The host does not have to have open drain drivers, but must recognize this mode to switch on the ROD. RDAT
and RCMD are pull-up resistors protecting the CMD and the DAT lines against bus floating device when all device
drivers are in a high-impedance mode.
A constant current source can replace the ROD by achieving a better performance (constant slopes for the signal
rising and falling edges). If the host does not allow the switchable ROD implementation, a fixed RCMD can be
used). Consequently the maximum operating frequency in the open drain mode has to be reduced if the used
RCMD value is higher than the minimal one given in.
RData strobe is pull-down resistor used in HS400 device.
Confidential
-18
/42-
Rev.1.0 July 2023
32GB/64GB/128GB eMMC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com