Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASFC Datasheet(PDF) 20 Page - Alliance Semiconductor Corporation

Part # ASFC
Description  Industrial embedded MMC 5.1 32 GBytes up to 128 GBytes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASFC Datasheet(HTML) 20 Page - Alliance Semiconductor Corporation

Back Button ASFC Datasheet HTML 16Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 17Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 18Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 19Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 20Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 21Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 22Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 23Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 24Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
eMMC Power Cycling
The master can execute any sequence of VCC and VCCQ power-up/power-down. However, the master must not
issue any commands until VCC and VCCQ are stable within each operating voltage range. After the slave enters
sleep mode, the master can power-down VCC to reduce power consumption. It is necessary for the slave to be
ramped up to VCC before the host issues CMD5 (SLEEP_AWAKE) to wake the slave unit. For more information
about power cycling refer to Section 10.1.3 of the JEDEC Standard JESD84-B51.
Figure 12: eMMC Power Cycle
8.2 Bus Operating Conditions
Table 17: General Operating Conditions
Parameter
Symbol
Min.
Max.
Unit
Remark
Peak voltage on all lines
-0.5
VCCQ +
0.5
V
All Inputs
Input Leakage Current (before initialization sequence and/or the
internal pull up resistors connected)
-100
100
μA
Input Leakage Current (after initialization sequence and the
internal pull up resistors disconnected)
-2
2
μA
All Outputs
Output Leakage Current (before initialization sequence)
-100
100
μA
Output Leakage Current (after initialization sequence)
-2
2
μA
Confidential
-20
/42-
Rev.1.0 July 2023
32GB/64GB/128GB eMMC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com