Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASFC Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # ASFC
Description  Industrial embedded MMC 5.1 32 GBytes up to 128 GBytes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASFC Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

Back Button ASFC Datasheet HTML 3Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 4Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 5Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 6Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 7Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 8Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 9Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 10Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 11Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
Reflow profile and MSL
Table 7: Reflow and MSL conditions
Parameter
Condition
MSL
Level 3 (storage condition 168 hours, ≦30°C/ 60% RH)
Reflow
According to IPC/JEDEC J-STD-020D.1:
Peak temp 260°C, 217°C endurance 60~150 seconds
Figure 1: Reflow profile
EMC
Table 8: EMC / EMI
Parameter
Value
EMC / EMI
Human Body Model:
up to ±2 kV
according to
MIL-STD-883G, Method 3015.7
Charged Device Model:
up to ±500 V
according to
JESD22-C101
Confidential
-7
/42-
Rev.1.0 July 2023
32GB/64GB/128GB eMMC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com