Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASFC Datasheet(PDF) 37 Page - Alliance Semiconductor Corporation

Part # ASFC
Description  Industrial embedded MMC 5.1 32 GBytes up to 128 GBytes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASFC Datasheet(HTML) 37 Page - Alliance Semiconductor Corporation

Back Button ASFC Datasheet HTML 33Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 34Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 35Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 36Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 37Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 38Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 39Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 40Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 41Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
Register Name
Bytes
Byte
Width
Description
typ. Value
HPI_FEATURES
503
1
HPI features
0x01
BKOPS_SUPPORT
502
1
Background operations
support
0x01
MAX_PACKED_READS
501
1
Max packed read commands
0x20
MAX_PACKED_WRITES
500
1
Max packed write
commands
0x20
DATA_TAG_SUPPORT
499
1
Data Tag Support
0x01
TAG_UNIT_SIZE
498
1
Tag Unit Size
0x00
TAG_RES_SIZE
497
1
Tag Resources Size
0x00
CONTEXT_CAPABILITIES
496
1
Context management capabilities
0x78
LARGE_UNIT_SIZE_M1
495
1
Large Unit size
0x01
EXT_SUPPORT
494
1
Extended partitions attribute support
0x03
SUPPORTED_MODES
493
1
Supported modes
0x01
FFU_FEATURES
492
1
FFU features
0x00
OPERATION_CODE_TIME_OU
T
491
1
Operation codes timeout
0x17
FFU_ARG
490:487
4
FFU Argument
0xFFFAFFF
0
BARRIER_SUPPORT
486
1
Barrier support
0x01
-
485:309
177
Reserved
–
CMDQ_SUPPORT
308
1
CMD Queuing Support
0x01
CMDQ_DEPTH
307
1
CMD Queuing Depth
0x1F
Reserved
306
1
Reserved
–
NUMBER_OF_FW_SECTORS_
CORRECTLY_PROGRAMMED
305:302
4
Number of FW sectors correctly
programmed
0x00000000
VENDOR_PROPRIETARY_HEA
LTH_REPORT
301-270
32
Vendor proprietary health report (not
used)
–
DEVICE_LIFE_TIME_EST_TYP
_B
269
1
Device life time estimation type B
(3D TLC)
0x01
(fresh device)
DEVICE_LIFE_TIME_EST_TYP
_A
268
1
Device life time estimation type A
(3D pSLC)
0x01
(fresh device)
PRE_EOL_INFO
267
1
Pre EOL information
0x01
(fresh device)
OPTIMAL_READ_SIZE
266
1
Optimal read size
0x40
OPTIMAL_WRITE_SIZE
265
1
Optimal write size
0x40
OPTIMAL_TRIM_UNIT_SIZE
264
1
Optimal trim unit size
0x07
DEVICE_VERSION
263:262
2
Device version
0x0005
FIRMWARE_VERSION
261:254
8
Firmware version
0x0000000000000011
PWR_CL_DDR_200_360
253
1
Power class for 200MHz,
DDR at VCC=3.6V
0x00
CACHE_SIZE
252:249
4
Cache size
0x00000400
GENERIC_CMD6_TIME
248
1
Generic CMD6 timeout
0x05
POWER_OFF_LONG_TIME
247
1
Power off notification(long) timeout
0x64
BKOPS_STATUS
246
1
Background operations status
0x00
CORRECTLY_PRG_SECTORS_
NUM
245:242
4
Number of correctly programmed sectors
0x00000000
INI_TIMEOUT_AP
241
1
1st initialization time after partitioning
0x0A
Confidential
-37
/42-
Rev.1.0 July 2023
32GB/64GB/128GB eMMC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com