Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASFC Datasheet(PDF) 8 Page - Alliance Semiconductor Corporation

Part # ASFC
Description  Industrial embedded MMC 5.1 32 GBytes up to 128 GBytes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASFC Datasheet(HTML) 8 Page - Alliance Semiconductor Corporation

Back Button ASFC Datasheet HTML 4Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 5Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 6Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 7Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 8Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 9Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 10Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 11Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 12Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
4.4 Mechanical Specifications
Physical dimensions are detailed in Table 9.
Also refer to Figure 2 on page 10.
Table 9: Physical Dimensions
Physical Dimensions
Unit
Length
13±0.1
mm
Width
11.5±0.1
Thickness (Max)
1.2 max.
Weight (Max Capacity)
< 1g
g
4.5 Reliability and Endurance
Data retention at the beginning and end of life is provided in
following Table 10.
Table 10: Reliability
Parameter5
Value
Data Retention at beginning @ 40°C
10 years
Data Retention at life end (3k PE cycles) @ 40°C
1 year
Endurance represented as both TeraBytes Written (TBW) and full Drive Writes Per Day (DWPD) is provided as
maximum values in the following Table 11.
Table 11: Endurance6
Capacity
Max. Endurance
TBW
DWPD7
32 GBytes
26
0.78
64 GBytes
4
6
0.6
8
128 GBytes
93
0.6
8
5.NAND Flash data retention and endurance characteristics are defined according to JEDEC JESD47 and JESD22. The endurance limits of the
storage shall be monitored by the life time information and simulated before field usage by the customer.
6.According to JEDEC (JESD47I), the time to write the full TBW is a minimum of 18 months. Higher average daily data volume reduces the
specified TBW. The values listed are estimates and are subject to change without notice.
7.DWPD values are based on a service life of 3 years
Confidential
-8
/42-
Rev.1.0 July 2023
32GB/64GB/128GB eMMC
Note:
ASFC32G31T3-51BIN / ASFC64G31T5-51BIN / ASFC128G32T5-51BIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com