Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASFC Datasheet(PDF) 27 Page - Alliance Semiconductor Corporation

Part # ASFC
Description  Industrial embedded MMC 5.1 32 GBytes up to 128 GBytes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASFC Datasheet(HTML) 27 Page - Alliance Semiconductor Corporation

Back Button ASFC Datasheet HTML 23Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 24Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 25Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 26Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 27Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 28Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 29Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 30Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 31Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
8.5 Bus Timing for DAT Signals During Dual Data Rate Operation
These timings apply to the DAT[7:0] signals only when the device is configured for dual data mode operation.
In this dual data mode, the DAT signals operate synchronously of both the rising and the falling edges of CLK.
The CMD signal still operates synchronously of the rising edge of CLK and therefore complies with the bus
timing specified in section 10.5 of JESD84-B51, therefore there is no timing change for the CMD signal.
Figure 17: Timing Diagram: Data Input/Output in Dual Data Rate Mode
Dual Data Rate Interface Timings
Table 26: High-speed Dual Data Rate Interface Timing
Parameter
Symbol
Min.
Max.
Unit
Remark
Input CLK1
Clock duty cycle
45
55
%
Includes jitter, phase
noise
Input DAT (referenced to CLK-DDR mode)
Input set-up time
tISUddr
2.5
ns
CL ≤ 20 pF
Input hold time
tIHddr
2.5
ns
CL ≤ 20 pF
Output DAT (referenced to CLK-DDR mode)
Output delay time during data transfer tODLYddr
1.5
7
ns
CL ≤ 20 pF
Signal rise time (all signals)2
tRISE
2
ns
CL ≤ 20 pF
Signal fall time (all signals)
tFALL
2
ns
CL ≤ 20 pF
Note 1: CLK timing is measured at 50% of VDD.
Note 2: Inputs CMD, DAT rise and fall times are measured by min (VIH) and max (VIL), and outputs CMD, DAT rise and fall times are
measured by min (VOH) and max (VOL)
Confidential
-27
/42-
Rev.1.0 July 2023
32GB/64GB/128GB eMMC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com