Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASFC Datasheet(PDF) 26 Page - Alliance Semiconductor Corporation

Part # ASFC
Description  Industrial embedded MMC 5.1 32 GBytes up to 128 GBytes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASFC Datasheet(HTML) 26 Page - Alliance Semiconductor Corporation

Back Button ASFC Datasheet HTML 22Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 23Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 24Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 25Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 26Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 27Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 28Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 29Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 30Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
Table 25: Backward-compatible Device Interface Timing
Parameter
Symbol
Min.
Max.
Unit
Remark1
Clock CLK2
Clock frequency Data Transfer Mode
(PP)3
fPP
0
26
MHz
CL ≤ 30 pF
Clock frequency Identification Mode
(OD)
fOD
0
400
kHz
Clock high time
tWH
10
CL ≤ 30 pF
Clock low time
tWL
10
ns
CL ≤ 30 pF
Clock rise time4
tTLH
10
ns
CL ≤ 30 pF
Clock fall time
tTHL
10
ns
CL ≤ 30 pF
Inputs CMD, DAT (referenced to CLK)
Input set-up time
tISU
3
ns
CL ≤ 30 pF
Input hold time
tIH
3
ns
CL ≤ 30 pF
Outputs CMD, DAT (referenced to CLK)
Output set-up time5
tOSU
11.7
ns
CL ≤ 30 pF
Output hold time5
tOH
8.3
ns
CL ≤ 30 pF
Note 1: The Device must always start with the backward-compatible interface timing. The timing mode can be switched to high-speed
interface timing by the host sending the SWITCH command (CMD6) with the argument for high-speed interface select.
Note 2: CLK timing is measured at 50% of VDD.
Note 3: For compatibility with Devices that support the v4.2 standard or earlier, host should not use > 26 MHz before switching to high
speed interface timing.
Note 4: CLK rise and fall times are measured by min (VIH) and max (VIL).
Note 5: tOSU and tOH are defined as values from clock rising edge. However, there may be Devices or devices which utilize clock falling
edge to output data in backward compatibility mode. Therefore, it is recommended for hosts either to settWL value as long as
possible within the range which will not go over tCK-tOH(min) in the system or to use slow clock frequency, so that host could
have data set up margin for those devices. In this case, each device which utilizes clock falling edge might show the correlation
either between tWL and tOSU or between tCK and tOSU for the device in its own datasheet as a note or its application notes.
Confidential
-26
/42-
Rev.1.0 July 2023
32GB/64GB/128GB eMMC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com