Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASFC Datasheet(PDF) 32 Page - Alliance Semiconductor Corporation

Part # ASFC
Description  Industrial embedded MMC 5.1 32 GBytes up to 128 GBytes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASFC Datasheet(HTML) 32 Page - Alliance Semiconductor Corporation

Back Button ASFC Datasheet HTML 28Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 29Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 30Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 31Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 32Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 33Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 34Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 35Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 36Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
8.7 Bus Timing Specification in HS400 mode
HS400 Device Input Timing
The CMD input timing for HS400 mode is the same as CMD input timing for HS200 mode.
Figure 22 and Table 30show Device input timing.
Figure 22: HS400 Device Data input timing
Table 30: HS400 Device input timing
Parameter
Symbol
Min.
Max.
Unit
Remark
Input CLK
Cycle time data transfer
mode
tPERIOD
5
200MHz(Max), between rising edges with
respect to VT.
Slew rate
SR
1.125
V/ns
With respect to VIH/VIL.
Duty cycle
distortion
tCKDCD
0.0
0.3
ns
Allowable deviation from an ideal 50% duty
cycle.
With respect to VT.
Includes jitter, phase noise
Minimum pulse width
tCKMPW
2.2
ns
With respect to VT.
Input DAT (referenced to CLK)
Input set-up time
tISUddr
0.4
ns
CDevice
≤ 6pF With respect to VIH/VIL.
Input hold time
tIHddr
0.4
ns
CDevice
≤ 6pF With respect to VIH/VIL.
Slew rate
SR
1.125
V/ns
With respect to VIH/VIL.
Confidential
-32
/42-
Rev.1.0 July 2023
32GB/64GB/128GB eMMC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com