Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASFC Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # ASFC
Description  Industrial embedded MMC 5.1 32 GBytes up to 128 GBytes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASFC Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  ASFC Datasheet HTML 1Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 2Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 3Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 4Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 5Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 6Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 7Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 8Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
4.1 Performance Specifications
The read/write sequential and random CDM performance benchmarks are detailed in Table 2.
Table 2: Read/Write Performance
ASFC32G31T3-51BIN
Capacity
Max. Sequential Read
HS400 (MBPS)
Max. Sequential Write
HS400 (MBPS)
Max. Random Read 4K
HS400 (IOPS)
Max. Random Write 4K
HS400 (IOPS)
measuring tool CDM
measuring tool CDM
Proprietary
tool3
measuring
tool CDM
Proprietary
tool3
measuring
tool CDM
32 GBytes
270
120
17,500
4,400
21,000
2,050
Capacity
Max. Sequential Read
HS200 (MBPS)
Max. Sequential Write
HS200 (MBPS)
Max. Random Read 4K
HS200 (IOPS)
Max. Random Write 4K
HS200 (IOPS)
measuring tool CDM
measuring tool CDM
Proprietary
tool3
measuring
tool CDM
Proprietary
tool3
measuring
tool CDM
32 GBytes
180
115
17,500
n.a
20,000
n.a
Table 3: Read/Write Performance
ASFC64G31T5-51BIN / ASFC128G32T5-51BIN
Capacity
Max. Sequential Read
HS400 (MBPS)
Max. Sequential Write
HS400 (MBPS)
Max. Random Read
4K HS400 (IOPS)
Max. Random Write
4K HS400 (IOPS)
64 GBytes
301
222
4,595
2,892
128 GBytes
320
235
4,605
2,914
Capacity
Max. Sequential Read
HS200 (MBPS)
Max. Sequential Write
HS200 (MBPS)
Max. Random Read
4K HS200 (IOPS)
Max. Random Write
4K HS200 (IOPS)
64 GBytes
n.a
n.a
n.a
n.a
128 GBytes
n.a
n.a
n.a
n.a
Please note that Gen5 Flash variants were measured with Crystal Disk Mark x64 5x 1GiB (CDM 8.0.1) only
Confidential
-5
/42-
Rev.1.0 July 2023
32GB/64GB/128GB eMMC
3. Controller supplier proprietary reader board: measuring without OS
Note:
Please note that Gen
3 Flash variants were measured with Crystal Disk Mark x64 5x 1GiB (CDM 7.0.0) only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com