Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASFC Datasheet(PDF) 24 Page - Alliance Semiconductor Corporation

Part # ASFC
Description  Industrial embedded MMC 5.1 32 GBytes up to 128 GBytes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASFC Datasheet(HTML) 24 Page - Alliance Semiconductor Corporation

Back Button ASFC Datasheet HTML 20Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 21Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 22Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 23Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 24Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 25Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 26Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 27Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 28Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
Push-pull mode bus signal level— eMMC
The device input and output voltages shall be within the following specified ranges for any VDD of the allowed
voltage range
For 2.7V-3.6V VCCQ range (compatible with JESD8C.01):
Table 22: Push-pull Signal Level—High-voltage eMMC
Parameter
Symbol
Min.
Max.
Unit
Conditions
Output HIGH voltage
VOH
0.75 * VCCQ
V
IOH = -100 μA @ VCCQ min
Output LOW voltage
VOL
0.125 * VCCQ
V
IOL = 100 μA @ VCCQ min
Input HIGH voltage
VIH
0.625 * VCCQ
VCCQ + 0.3
V
Input LOW voltage
VIL
VSS – 0.3
0.25 * VCCQ
V
For 1.70V – 1.95V VCCQ range (Compatible with EIA/JEDEC Standard “EIA/JESD8-7 Normal Range” as defined in the
following table):
Table 23: Push-pull Signal Level—1.70 -1.95 VCCQ Voltage Range
Parameter
Symbol
Min.
Max.
Unit
Conditions
Output HIGH voltage
VOH
VCCQ – 0.45V
V
IOH = -2mA
Output LOW voltage
VOL
0.45V
V
IOL = 2mA
Input HIGH voltage
VIH
0.65 * VCCQ
1
VCCQ + 0.3
V
Input LOW voltage
VIL
VSS – 0.3
0.35 * VDD
2
V
Note 1: 0.7 * VDD for MMC™4.3 and older revisions.
Note 2: 0.3 * VDD for MMC™4.3 and older revisions.
Bus Operating Conditions for HS200 & HS400
The bus operating conditions for HS200 & HS400 devices is the same as specified in sections 10.5.1 through
10.5.2 of JESD84-B51. The only exception is that VCCQ=3.3v is not supported.
Device Output Driver Requirements for HS200 & HS400
Refer to section 10.5.4 of the JEDEC Standard JESD84-B51.
8.4 Bus Timing
Figure 16: Timing diagram: data input/output
Confidential
-24
/42-
Rev.1.0 July 2023
32GB/64GB/128GB eMMC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com