Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASFC Datasheet(PDF) 34 Page - Alliance Semiconductor Corporation

Part # ASFC
Description  Industrial embedded MMC 5.1 32 GBytes up to 128 GBytes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASFC Datasheet(HTML) 34 Page - Alliance Semiconductor Corporation

Back Button ASFC Datasheet HTML 30Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 31Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 32Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 33Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 34Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 35Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 36Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 37Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 38Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
Table 32: HS400 Capacitance and Resistors
Parameter
Symbol
Min.
Type
Max.
Unit
Remark
Pull-up resistance for CMD
RCMD
4.7
100
kOhm
Pull-up resistance for DAT0-7
RDAT
10
100
kOhm
Pull-down resistance for Data
Strobe
RDS
10
100
kOhm
Internal pull up resistance DAT1-
DAT7
Rint
10
150
kOhm
Single Device capacitance
CDevice
6
pF
9. eMMC Registers
Within the Device interface six registers are defined: OCR, CID, CSD, EXT_CSD, RCA and DSR. These can be accessed
only by corresponding commands (see Section 6.10 of JESD84-B51).
Table 33: eMMC Registers
Name
Width
(Bytes)
Description
Implementation
CID
16
Device Identification number, an individual number for identification.
Mandatory
RCA
2
Relative Device Address is the Device system address, dynamically
assigned by the host during initialization.
Mandatory
DSR
2
Driver Stage Register, to configure the Device’s output drivers.
Optional, not
implemented
CSD
16
Device Specific Data, information about the Device operation conditions.
Mandatory
OCR
4
Operation Conditions Register. Used by a special broadcast command to
identify the voltage type of the Device.
Mandatory
EXT_CSD
512
Extended Device Specific Data. Contains information about the Device
capabilities and selected modes. Introduced in standard v4.0
Mandatory
The host may reset the device by:
Switching the power supply off and back on. The device shall have its own power-on detection
circuitry which puts the device into a defined state after the power-on Device.
A reset signal
By sending a special command
9.1 OCR Register
The 32-bit operation conditions register (OCR) stores the VDD voltage profile of the Device and the access mode
indication. In addition, this register includes a status information bit. This status bit is set if the Device power
up procedure has been finished. The OCR register shall be implemented by all Devices.
Table 34: OCR register
OCR bit
VCCQ voltage window
typ. value
[6:0]
Reserved
000 0000b
[7]
1.70 – 1.95V
1b
[14:8]
2.0 – 2.6V
000 0000b
[23:15]
2.7 – 3.6V
1 1111 1111b
[28:24]
Reserved
0 0000b
[30:29]
Access Mode
10b (sector mode, for devices >2GB)
[31]
Card power up status bit (0=busy; 1=ready)1
Note 1: This bit is set to LOW if the Device has not finished the power up routine.
Confidential
-34
/42-
Rev.1.0 July 2023
32GB/64GB/128GB eMMC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com