Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASFC Datasheet(PDF) 39 Page - Alliance Semiconductor Corporation

Part # ASFC
Description  Industrial embedded MMC 5.1 32 GBytes up to 128 GBytes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASFC Datasheet(HTML) 39 Page - Alliance Semiconductor Corporation

Back Button ASFC Datasheet HTML 34Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 35Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 36Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 37Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 38Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 39Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 40Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 41Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 42Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
Register Name
Bytes
Byte
Width
Description
typ. Value
MIN_PERF_R_8_52
209
1
Minimum Read Performance for 8bit at
52MHz
0x00
MIN_PERF_W_8_26_4_52
208
1
Minimum Write Performance for 8bit at
26MHz, for 4bit at 52MHz
0x00
MIN_PERF_R_8_26_4_52
207
1
Minimum Read Performance for 8bit at
26MHz, for 4bit at 52MHz
0x00
MIN_PERF_W_4_26
206
1
Minimum Write Performance for 4bit at
26MHz
0x00
MIN_PERF_R_4_26
205
1
Minimum Read Performance for 4bit at
26MHz
0x00
–
204
1
Reserved
–
PWR_CL_26_360
203
1
Power class for 26MHz at 3.6V 1 R
0x00
PWR_CL_52_360
202
1
Power class for 52MHz at 3.6V 1 R
0x00
PWR_CL_26_195
201
1
Power class for 26MHz at 1.95V 1 R
0x00
PWR_CL_52_195
200
1
Power class for 52MHz at 1.95V 1 R
0x00
PARTITION_SWITCH_TIME
199
1
Partition switching timing
0x04
OUT_OF_INTERRUPT_TIME
198
1
Out-of-interrupt busy timing
0x0A
DRIVER_STRENGTH
197
1
I/O Driver Strength
0x1F
CARD_TYPE
196
1
Device type
0x57
–
195
1
Reserved
–
CSD_STRUCTURE
194
1
CSD structure
0x02
–
193
1
Reserved
–
EXT_CSD_REV
192
1
Extended CSD revision
0x08
Modes Segment
CMD_SET
191
1
Command set
0x00
–
190
1
Reserved
–
CMD_SET_REV
189
1
Command set revision
0x00
–
188
1
Reserved
–
POWER_CLASS
187
1
Power class
0x00
–
186
1
Reserved
–
HS_TIMING
185
1
High-speed interface timing
0x01
STROBE_SUPPORT
184
1
Strobe Support
0x01
BUS_WIDTH
183
1
Bus width mode
0x01
–
182
1
Reserved
–
ERASED_MEM_CONT
181
1
Erased memory content
0x00
–
180
1
Reserved
–
PARTITION_CONFIG
179
1
Partition configuration
0x00
BOOT_CONFIG_PROT
178
1
Boot config protection
0x00
BOOT_BUS_CONDITIONS
177
1
Boot bus Conditions
0x00
–
176
1
Reserved
–
ERASE_GROUP_DEF
175
1
High-density erase group definition
0x01
BOOT_WP_STATUS
174
1
Boot write protection status registers
0x00
Confidential
-39
/42-
Rev.1.0 July 2023
32GB/64GB/128GB eMMC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com