Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASFC Datasheet(PDF) 14 Page - Alliance Semiconductor Corporation

Part # ASFC
Description  Industrial embedded MMC 5.1 32 GBytes up to 128 GBytes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASFC Datasheet(HTML) 14 Page - Alliance Semiconductor Corporation

Back Button ASFC Datasheet HTML 10Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 11Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 12Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 13Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 14Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 15Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 16Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 17Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 18Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
6.
3 eMMC Communication Interface
The eMMC device transfers data via a configurable number of data bus signals. The communication signals
are:
Clock (CLK)
Each cycle of this signal directs a one bit transfer on the command and either a one bit (1x) or a two
bits transfer (2x) on all the data lines. The frequency may vary between zero and the maximum clock
frequency.
Data Strobe (DS)
This signal is generated by the device and used for output in HS400 mode. The frequency of this signal
follows the frequency of CLK. For data output each cycle of this signal directs two bits transfer(2x) on
the data - one bit for positive edge and the other bit for negative edge. For CRC status response output
and CMD response output (enabled only HS400 enhanced strobe mode), the CRC status is latched on
the positive edge only, and don't care on the negative edge.
Command (CMD)
This signal is a bidirectional command channel used for Device initialization and transfer of
commands. The CMD signal has two operation modes: open-drain for initialization mode, and push-
pull for fast command transfer. Commands are sent from the eMMC host controller to the eMMC
Device and responses are sent from the Device to the host.
Input/Outputs (DAT0-DAT7)
These are bidirectional data channels. The DAT signals operate in push-pull mode. Only the Device or
the host is driving these signals at a time. By default, after power up or reset, only DAT0 is used for
data transfer. A wider data bus can be configured for data transfer, using either DAT0-DAT3 or DAT0-
DAT7, by the eMMC host controller. The eMMC Device includes internal pull-ups for data lines DAT1-
DAT7.
Immediately after entering the 4-bit mode, the Device disconnects the internal pull ups of lines DAT1,
DAT2, and DAT3. Correspondingly, immediately after entering to the 8-bit mode the Device disconnects
the internal pull-ups of lines DAT1–DAT7.
6.
4Bus Protocol
After a power-on reset, the host must initialize the device by a special message-based eMMC bus protocol.
For more details, refer to section 5.3.1 of the JEDEC Standard JESD84-B51.
6.
5Bus Speed Modes
eMMC defines several bus speed modes as shown in
following Table 15.
Table 15: Bus Speed Mode
Mode Name
Data Rate
IO Voltage
Bus Width
Frequency
Max Data Transfer
(implies x8 bus
width)
Backwards
Compatibility with
legacy MMC card
Single
3.3/1.8V
1, 4, 8
0-26MHz
26MB/s
High Speed SDR
Single
3.3/1.8V
4, 8
0-52MHz
52MB/s
High Speed DDR
Dual
3.3/1.8V
4, 8
0-52MHz
104MB/s
HS200
Single
1.8V
4, 8
0-200MHz
200MB/s
HS400
Dual
1.8V
8
0-200MHz
400MB/s
6.5.1 HS200 Bus Speed Mode
SDR Data sampling method
CLK frequency up to 200MHz Data rate – up to 200MB/s
8-bits bus width supported
Single ended signaling with 4 selectable Drive Strength
Signaling levels of 1.8V
Tuning concept for Read Operations
Confidential
-14
/42-
Rev.1.0 July 2023
The HS200 mode offers the following features:
32GB/64GB/128GB eMMC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com