Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASFC Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # ASFC
Description  Industrial embedded MMC 5.1 32 GBytes up to 128 GBytes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASFC Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  ASFC Datasheet HTML 1Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 2Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 3Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 4Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 5Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 6Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 7Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 8Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
ASFC Series –Industrial embedded MMC 5.1 32GBytes
up to 128GBytes
1. ProductSummary
•
Capacities: 32 GBytes, 64 GBytes, 128 GBytes
•
OperatingTemperatureRange1:
o Industrial Operating Temperature -40 to 85°C
2. ProductFeatures
•
Fully compliant with JEDEC e·MMC 5.1 Standard (JESD84-B51)
•
153-ball BGA, 0.5mm pitch, 11.5 x 13mm, RoHS compliant
•
3D TLC NAND base technology
•
Multiple 3D TLC or enhanced/reliable mode partitions user configurable according to e·MMC Spec 5.1
•
High performance e·MMC 5.1 specification
o Eleven-wire bus (clock, Data Strobe, 1 bit command, 8 bit data bus) and a hardware reset
o Three different data bus width modes: 1-bit (default), 4-bit, and 8-bit
o Clock frequencies 0-200MHz, High Speed Mode HS400
o Command Queue Feature according to e·MMC Spec 5.1
o Up to 300MB/s sequential read and up to 230MB/s sequential write
•
Power Supply: (Low-power CMOS technology)
o VCCQ 1.7V to 1.95V or 2.7V to 3.6V e·MMC supply / VCC 2.7V to 3.6V NAND Flash supply
•
Optimized FW algorithms
o Power-fail data loss protection
o Wear Leveling technology
Equal wear leveling of static and dynamic data. The wear leveling assures that dynamic data as
well as static data is balanced evenly across the memory. With that the maximum write
endurance of the device is ensured
o Read Disturb Management
The read commands per region are monitored and the content is conditionally refreshed when
critical levels have occurred
o Auto Read Refresh
The interruptible background process maintains the user data for Read Disturb effects or
Retention degradation due to high temperature effects
o Diagnostic features with Device Health Report according to e·MMC Spec 5.1, and detailed Lifetime
Monitor data (
Alliance proprietary, accessible through standard e·MMC commands).
o Field Firmware update2 according to e·MMC Spec 5.1
o Discard and Sanitize, Trim
o Boot Operation Mode and Alternative Boot Operation Mode
o Replay Protected Memory Block (RPMB)
Confidential
-3
/42-
Rev.1.0 July 2023
32GB/64GB/128GB eMMC
1 Adequate airflow is required to ensure the temperature does not exceed 85°C (industrial temperature drive)
2
The support of In-Field FW update capabilities on host systems is recommended.
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com