Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASFC Datasheet(PDF) 23 Page - Alliance Semiconductor Corporation

Part # ASFC
Description  Industrial embedded MMC 5.1 32 GBytes up to 128 GBytes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASFC Datasheet(HTML) 23 Page - Alliance Semiconductor Corporation

Back Button ASFC Datasheet HTML 19Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 20Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 21Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 22Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 23Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 24Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 25Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 26Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 27Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
HS400 reference load
The circuit in Figure 14 shows the reference load used to define the HS400 Device Output Timings and overshoot
/ undershoot parameters.
The reference load is made up by the transmission line and the CREFERENCE capacitance.
The reference load is not intended to be a precise representation of the typical system environment nor a
depiction of the actual load presented by a production tester.
System designers should use IBIS or other simulation tools to correlate the reference load to system
environment. Manufacturers should correlate to their production test conditions.
Delay time (td) of the transmission line has been introduced to make the reference load independent from
the PCB technology and trace length.
Figure 14: HS400 reference load
8.3 Bus Signal Levels
As the bus can be supplied with a variable supply voltage, all signal levels are related to the supply voltage.
Figure 15: Bus Signal Levels
Open-drain Mode Bus Signal Level
Table 21: Open-drain Bus Signal Level
Parameter
Symbol
Min.
Max.
Unit
Conditions
Output HIGH voltage
VOH
VDD – 0.2
V
IOH = -100 μA
Output LOW voltage
VOL
0.3
V
IOL = 2 mA
The input levels are identical with the push-pull mode bus signal levels.
Confidential
-23
/42-
Rev.1.0 July 2023
32GB/64GB/128GB eMMC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com