Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASFC Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # ASFC
Description  Industrial embedded MMC 5.1 32 GBytes up to 128 GBytes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASFC Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  ASFC Datasheet HTML 1Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 2Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 3Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 4Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 5Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 6Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 7Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 8Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
Table 1. Ordering Information
Capacities
(GB)
Part Number
eMMC
Version
NAND
Die
Temperature
Package Size
(mm)
Package
Type
32
ASFC32G31T3-51BIN
5.1
256Gb x 1
Industrial Grade
-40OC ~ 85OC
11.5x13.0x1.0
153ball
FBGA
64
ASFC64G31T5-51BIN
5.1
512Gb x 1
Industrial Grade
-40OC ~ 85OC
11.5x13.0x1.0
153ball
FBGA
128
ASFC128G32T5-51BIN
5.1
512Gb x 2
Industrial Grade
-40OC ~ 85OC
11.5x13.0x1.0
153ball
FBGA
4.Product Description
The
Alliance e·MMC is a managed non-volatile storage consisting of a single chip MMC controller and a NAND
flash memory chip inside a JEDEC defined standard BGA package. It is specially designed as a small
form factor memory product for storage of data and as a boot media. The performance is optimized
to a mostly read operation mode at low power consumption. The utilization of 3D TLC NAND technology,
with the option to configure the memory in Enhanced mode (pSLC), targets higher demanding
industrial, which is supported by the industrial temperature grade specification.
The e·MMC controller directly manages NAND flash, including ECC, wear-leveling, IOPS optimization and
read sensing. The firmware features support high throughput for large data transfers and
performance for small random data more commonly found in code usage. It also contains several security
features as well as multiple boot partitions.
Uses advanced refresh features for retention
optimization for read intensive applications.
e·MMC communication is based on an advanced 11-signal bus. The communication protocol is defined as a
part of the JEDEC e·MMC standard and referred to as the e·MMC mode.
Confidential
-4
/42-
Rev.1.0 July 2023
3. Ordering Information
32GB/64GB/128GB eMMC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com