Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASFC Datasheet(PDF) 38 Page - Alliance Semiconductor Corporation

Part # ASFC
Description  Industrial embedded MMC 5.1 32 GBytes up to 128 GBytes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASFC Datasheet(HTML) 38 Page - Alliance Semiconductor Corporation

Back Button ASFC Datasheet HTML 34Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 35Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 36Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 37Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 38Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 39Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 40Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 41Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 42Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
Register Name
Bytes
Byte
Width
Description
typ. Value
CACHE_FLUSH_POLICY
240
1
Cache Flushing Policy
0x01
PWR_CL_DDR_52_360
239
1
Power class for 52MHz, DDR at 3.6V
0x00
PWR_CL_DDR_52_195
238
1
Power class for 52MHz, DDR at 1.95V
0x00
PWR_CL_200_360
237
1
Power class for 200MHz at 3.6V
0x00
PWR_CL_200_130
236
1
Power class for 200MHz, at 1.95V
0x00
MIN_PERF_DDR_W_8_52
235
1
Minimum Write Performance for 8bit at
52MHz in DDR mode
0x00
MIN_PERF_DDR_R_8_52
234
1
Minimum Read Performance for 8bit at
52MHz in DDR mode
0x00
–
233
1
Reserved
–
TRIM_MULT
232
1
TRIM Multiplier
0x02
SEC_FEATURE_SUPPORT
231
1
Secure Feature support
0x55
SEC_ERASE_MULT
230
1
Secure Erase Multiplier
0x19 (32GB)
0x32 (64GB)
0x64 (128GB)
SEC_TRIM_MULT
229
1
Secure TRIM Multiplier
0x0A
BOOT_INFO
228
1
Boot information
0x07
–
227
1
Reserved
–
BOOT_SIZE_MULT
226
1
Boot partition size
0xFC
ACC_SIZE
225
1
Access size
0x06
HC_ERASE_GRP_SIZE
224
1
High-capacity erase unit size
0x01
ERASE_TIMEOUT_MULT
223
1
High-capacity erase timeout
0x02
REL_WR_SEC_C
222
1
Reliable write sector count
0x10
HC_WP_GRP_SIZE
221
1
High-capacity write protect group size
0x10(32GB)
0x10(64GB)
0x20(128GB)
S_C_VCC
220
1
Sleep current (VCC)
0x07
S_C_VCCQ
219
1
Sleep current (VCCQ)
0x07
PRODUCTION_STATE_AWARE
NESS_TIMEOUT
218
1
Production state awareness Timeout
0x17
S_A_TIMEOUT
217
1
Sleep/awake timeout
0x12
SLEEP_NOTIFICATION_TIME
216
1
Sleep Notification timeout
0x0C
SEC_COUNT
215:212
4
Sector Count
0x039A0000 (32GB)
0x07340000 (64GB)
0x0E900000 (128GB)
SECURE_WP_INFO
211
1
Secure Write Protect Information
0x01
MIN_PERF_W_8_52
210
1
Minimum Write Performance for 8bit
at 52MHz
0x00
Confidential
-38
/42-
Rev.1.0 July 2023
32GB/64GB/128GB eMMC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com