Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASFC Datasheet(PDF) 40 Page - Alliance Semiconductor Corporation

Part # ASFC
Description  Industrial embedded MMC 5.1 32 GBytes up to 128 GBytes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASFC Datasheet(HTML) 40 Page - Alliance Semiconductor Corporation

Back Button ASFC Datasheet HTML 34Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 35Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 36Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 37Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 38Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 39Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 40Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 41Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 42Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
Register Name
Bytes
Byte
Width
Description
typ. Value
BOOT_WP
173
1
Boot area write protection register
0x00
–
172
1
Reserved
–
USER_WP
171
1
User area write protection register
0x00
–
170
1
Reserved
–
FW_CONFIG
169
1
FW configuration
0x00
RPMB_SIZE_MULT
168
1
RPMB Size
0x20
WR_REL_SET
167
1
Write reliability setting register
0x1F
WR_REL_PARAM
166
1
Write reliability parameter register
0x15
SANITIZE_START
165
1
Start Sanitize operation
0x00
BKOPS_START
164
1
Manually start background operations
0x00
BKOPS_EN
163
1
Enable background operations
handshake
0x00
RST_n_FUNCTION
162
1
H/W reset function
0x00
HPI_MGMT
161
1
HPI management
0x00
PARTITIONING_SUPPORT
160
1
Partitioning Support
0x07
MAX_ENH_SIZE_MULT
159:157
3
Max Enhanced Area Size
0x0004CD(32GB)
0x00099A(64GB)
0x0009B5(128GB)
PARTITIONS_ATTRIBUTE
156
1
Partitions attribute
0x00
PARTITION_SETTING_COMPL
ETED
155
1
Partitioning Setting
0x00
GP_SIZE_MULT4
154:152
3
General Purpose Partition Size
0x000000
GP_SIZE_MULT3
151:149
3
General Purpose Partition Size
0x000000
GP_SIZE_MULT2
148:146
3
General Purpose Partition Size
0x000000
GP_SIZE_MULT1
145:143
3
General Purpose Partition Size
0x000000
ENH_SIZE_MULT
142:140
3
Enhanced User Data Area Size
0x000000
ENH_START_ADDR
139:136
4
Enhanced User Data Start Address
0x00000000
–
135
1
Reserved
–
SEC_BAD_BLK_MGMNT
134
1
Bad Block Management mode
0x00
PRODUCTION_STATE_AWARE
NESS
133
1
Production state awareness
0x00
TCASE_SUPPORT
132
1
Package Case Temperature is controlled
0x00
PERIODIC_WAKEUP
131
1
Periodic Wake-up
0x00
PROGRAM_CID_CSD_DDR_S
UPPORT
130
1
Program CID/CSD in DDR mode support
0x00
–
129:128
2
Reserved
–
VENDOR_SPECIFIC_FIELD
127:64
64
Vendor Specific Fields (not used)
–
NATIVE_SECTOR_SIZE
63
1
Native sector size
0x01
USE_NATIVE_SECTOR
62
1
Sector size emulation
0x00
DATA_SECTOR_SIZE
61
1
Sector size
0x00
Confidential
-40
/42-
Rev.1.0 July 2023
32GB/64GB/128GB eMMC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com