Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASFC Datasheet(PDF) 36 Page - Alliance Semiconductor Corporation

Part # ASFC
Description  Industrial embedded MMC 5.1 32 GBytes up to 128 GBytes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASFC Datasheet(HTML) 36 Page - Alliance Semiconductor Corporation

Back Button ASFC Datasheet HTML 32Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 33Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 34Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 35Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 36Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 37Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 38Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 39Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 40Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
Register Name
Bits
Bit Width Description
typ. Value
WRITE_BLK_MISALIGN
78
1
Write block misalignment
0x0
READ_BLK_MISALIGN
77
1
Read block misalignment
0x0
DSR_IMP
76
1
DSR implemented
0x0
—
75:74
2
Reserved
-
C_SIZE
73:62
12
Device size
0xFFF
VDD_R_CURR_MIN
61:59
3
Max read current @VDD min
0x7
VDD_R_CURR_MAX
58:56
3
Max read current @VDD max
0x7
VDD_W_CURR_MIN
55:53
3
Max write current @VDD min
0x7
VDD_W_CURR_MAX
52:50
3
Max write current @VDD max
0x7
C_SIZE_MULT
49:47
3
Device size multiplier
0x7
ERASE_GRP_SIZE
46:42
5
Erase group size
0x1F
ERASE_GRP_MULT
41:37
5
Erase group size multiplier
0x1F
WP_GRP_SIZE
36:32
5
Write protect group size
0x0F
WP_GRP_ENABLE
31
1
Write protect group enable
0x1
DEFAULT_ECC
30:29
2
Manufacturer default ECC
0x0
R2W_FACTOR
28:26
3
Write speed factor
0x2
WRITE_BL_LEN
25:22
4
Max. write data block length
0x9
WRITE_BL_PARTIAL
21
1
Partial blocks for write allowed
0x0
—
20:17
4
Reserved
-
CONTENT_PROT_APP
16
1
Content protection application
0x0
FILE_FORMAT_GRP
15
1
File format group
0x0
COPY
14
1
Copy flag (OTP)
0x1
PERM_WRITE_PROTECT
13
1
Permanent write protection
0x0
TMP_WRITE_PROTECT
12
1
Temporary write protection
0x0
FILE_FORMAT
11:10
2
File format
0x0
ECC
9:8
2
ECC code
0x0
CRC
7:1
7
Checksum of CSD contents
-
—
0
1
Always=1
0x1
9.4 Extended CSD Register
The Extended CSD register defines the Device properties and selected modes. It is 512 bytes long. The most
significant 320 bytes are the Properties segment, which defines the Device capabilities and cannot be modified
by the host. The lower 192 bytes are the Modes segment, which defines the configuration the Device is working
in. These modes can be changed by the host by means of the SWITCH command. For details, refer to section
7.4 of the JEDEC Standard JESD84-B51.
Table 37: Extended CSD Register
Register Name
Bytes
Byte
Width
Description
typ. Value
Properties Segment
–
511:506
6
Reserved
–
EXT_SECURITY_ERR
505
1
Extended Security
Commands Error
0x00
S_CMD_SET
504
1
Supported Command Sets
0x01
Confidential
-36
/42-
Rev.1.0 July 2023
32GB/64GB/128GB eMMC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com