Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASFC Datasheet(PDF) 25 Page - Alliance Semiconductor Corporation

Part # ASFC
Description  Industrial embedded MMC 5.1 32 GBytes up to 128 GBytes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASFC Datasheet(HTML) 25 Page - Alliance Semiconductor Corporation

Back Button ASFC Datasheet HTML 21Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 22Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 23Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 24Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 25Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 26Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 27Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 28Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 29Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
Device Interface Timings
Table 24: High-speed Device Interface Timing
Parameter
Symbol
Min.
Max.
Unit
Remark
Clock CLK1
Clock frequency Data Transfer Mode (PP)2 fPP
0
523
MHz
CL ≤ 30 pF
Tolerance:+100KHz
Clock frequency Identification Mode (OD) fOD
0
400
kHz
Tolerance: +20KHz
Clock high time
tWH
6.5
ns
CL ≤ 30 pF
Clock low time
tWL
6.5
ns
CL ≤ 30 pF
Clock rise time4
tTLH
3
ns
CL ≤ 30 pF
Clock fall time
tTHL
3
ns
CL ≤ 30 pF
Inputs CMD, DAT (referenced to CLK)
Input set-up time
tISU
3
ns
CL ≤ 30 pF
Input hold time
tIH
3
ns
CL ≤ 30 pF
Outputs CMD, DAT (referenced to CLK)
Output delay time during data transfer
tODLY
13.7
ns
CL ≤ 30 pF
Output hold time
tOH
2.5
ns
CL ≤ 30 pF
Signal rise time5
tRISE
3
ns
CL ≤ 30 pF
Signal fall time
tFALL
3
ns
CL ≤ 30 pF
Note 1: CLK timing is measured at 50% of VDD.
Note 2: eMMC shall support the full frequency range from 0-26MHz or 0-52MHz
Note 3: Device can operate as high-speed Device interface timing at 26 MHz clock frequency.
Note 4: CLK rise and fall times are measured by min (VIH) and max (VIL).
Note 5: Inputs CMD DAT rise and fall times are measured by min (VIH) and max (VIL) and outputs CMD DAT rise and fall times are
measured by min (VOH) and max (VOL).
Confidential
-25
/42-
Rev.1.0 July 2023
32GB/64GB/128GB eMMC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com