Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASFC Datasheet(PDF) 33 Page - Alliance Semiconductor Corporation

Part # ASFC
Description  Industrial embedded MMC 5.1 32 GBytes up to 128 GBytes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASFC Datasheet(HTML) 33 Page - Alliance Semiconductor Corporation

Back Button ASFC Datasheet HTML 29Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 30Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 31Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 32Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 33Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 34Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 35Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 36Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 37Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
HS400 Device Output Timing
The Data Strobe is used to read data in HS400 mode. The Data Strobe is toggled only during data read or CRC
status response.
Figure 23: HS400 Device output timing
Table 31 HS400 Device Output timing
Parameter
Symbol
Min.
Max.
Unit
Remark
Data Strobe
Cycle time data transfer
mode
tPERIOD
5
200MHz(Max), between rising edges With
respect to VT
Slew rate
SR
1.125
V/ns
With respect to VOH/VOL and HS400 reference
load
Duty cycle distortion
tDSDCD
0.0
0.2
ns
Allowable deviation from the input CLK duty
cycle distortion (tCKDCD)
With respect to VT
Includes jitter, phase noise
Minimum pulse width
tDSMPW
2.0
ns
With respect to VT
Read pre-amble
tRPRE
0.4
-
tPERIOD
Max value is specified by manufacturer.
Value up to infinite is valid
Read post-amble
tRPST
0.4
-
tPERIOD
Max value is specified by manufacturer.
Value up to infinite is valid
Output DAT (referenced to Data Strobe)
Output skew
tRQ
0.4
ns
With respect to VOH/VOL and HS400 reference
load
Output hold skew
tRQH
0.4
ns
With respect to VOH/VOL and HS400 reference
load.
Slew rate
SR
1.125
V/ns
With respect to VOH/VOL and HS400 reference
load
Confidential
-33
/42-
Rev.1.0 July 2023
32GB/64GB/128GB eMMC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com