Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASFC Datasheet(PDF) 28 Page - Alliance Semiconductor Corporation

Part # ASFC
Description  Industrial embedded MMC 5.1 32 GBytes up to 128 GBytes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASFC Datasheet(HTML) 28 Page - Alliance Semiconductor Corporation

Back Button ASFC Datasheet HTML 24Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 25Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 26Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 27Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 28Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 29Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 30Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 31Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 32Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
8.6 Bus Timing Specification in HS200 Mode
HS200 Clock Timing
Host CLK Timing in HS200 mode shall conform to the timing specified in Figure 18 and Table 27.
CLK input shall satisfy the clock timing over all possible operation and environment conditions. CLK input
parameters should be measured while CMD and DAT lines are stable high or low, as close as possible to the
Device.
The maximum frequency of HS200 is 200MHz. Hosts can use any frequency up to the maximum that HS200
mode allows.
Figure 18: HS200 Clock Signal Timing
Note 1: VIH denote VIH(min.) and VIL denotes VIL(max.).
Note 2: VT=0.975V – Clock Threshold, indicates clock reference point for timing measurements.
Table 27: HS200 Clock Signal Timing
Symbol
Min.
Max.
Unit
Remark
tPERIOD
5
-
ns
200MHz (Max.), between rising edges
tTLH, tTHL
-
0.2* tPERIOD
ns
tTLH, tTHL < 1ns (max.) at 200MHz, CBGA=12pF, The absolute
maximum value of tTLH, tTHL is 10ns regardless of clock frequency.
Duty Cycle
30
70
%
Confidential
-28
/42-
Rev.1.0 July 2023
32GB/64GB/128GB eMMC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com