Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASFC Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # ASFC
Description  Industrial embedded MMC 5.1 32 GBytes up to 128 GBytes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASFC Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

Back Button ASFC Datasheet HTML 2Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 3Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 4Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 5Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 6Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 7Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 8Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 9Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 10Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
4.2 Current Consumption
The drive-level current consumption as a function of operating mode is shown in Table 4.
Table 4: Current Consumption
ASFC32G31T3-51BIN / ASFC64G31T5-51BIN / ASFC128G32T5-51BIN
Capacity
Typ. Read Current
Typ. Write Current
Typ. Sleep Current
Unit
VCCQ 1.8V
VCC 3.3V
VCCQ 1.8V
VCC 3.3V
VCCQ 1.8V
VCC 3.3V
mA
32 GBytes
141
72
89
46
0.06
0.02
64 GBytes
147
82
96
78
0.06
0.02
128 GBytes
148
86
96
87
0.06
0.04
Values given for an 8-bit bus width, a clock frequency of 200MHz DDR mode, VCC= 3.3V±5%, VCCQ=1.8V±5%
4.3 Environmental Specifications
Recommended Operating Conditions
The recommended operating conditions are provided in Table 5.
Table 5: Recommended Operating Conditions4
Parameter
Value
Industrial Operating Temperature
-40°C to 85°C
Power Supply VCC Voltage
2.7-3.6V
Power Supply VCCQ Voltage
1.7-1.95V or 2.7-3.6V
Recommended Storage Conditions
The recommended storage conditions are listed in Table 6.
Table 6: Recommended Storage Conditions
Parameter
Value
Industrial Storage Temperature
-40°C to 85°C
Confidential
-6
/42-
Rev.1.0 July 2023
32GB/64GB/128GB eMMC
4. Adequate airflow is required to ensure the temperature does not exceed 85°C (industrial temperature drive)
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com