Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASFC Datasheet(PDF) 35 Page - Alliance Semiconductor Corporation

Part # ASFC
Description  Industrial embedded MMC 5.1 32 GBytes up to 128 GBytes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASFC Datasheet(HTML) 35 Page - Alliance Semiconductor Corporation

Back Button ASFC Datasheet HTML 31Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 32Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 33Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 34Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 35Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 36Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 37Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 38Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 39Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
Memory Addressing
Previous implementations of the eMMC specification (versions up to v4.1) implemented byte addressing using
a 32 bit field. This addressing mechanism permitted for eMMC densities up to and including 2 GB.
To support larger densities the addressing mechanism was update to support sector addresses (512 B sectors).
The sector addresses shall be used for all devices with capacity larger than 2 GB.
To determine the addressing mode use the host should read bit [30:29] in the OCR register.
9.2 CID Register
The Card Identification (CID) register is 128 bits wide. It contains the Device identification information used
during the Device identification phase (eMMC protocol). For details, refer to section 7.2 of the JEDEC Standard
JESD84-B51.
Table 35: CID register
Register Name
Bit Width
Description
typ. Value
MID
8
Manufacture ID
0x
52
—
6
Reserved
000000
CBX
2
Device/BGA
01
OID
8
OEM/Application ID
0x
52
PNM
48
Product Name 32GB
“
AS032G”
8
Product Revision for 32GB
0x11
PRV
PSN
32
Product Serial Number
xxxxxxxx
MDT
8
Manufacture Date
xx
CRC
7
Check sum of CID contents
CRC7 chksum
—
1
Not used; always=1
1
Product Name 64GB
“
AS064G”
Product Name 128GB
“
AS128G”
Product Revision for 64GB & 128GB
0x12
9.3 CSD Register
The Device-Specific Data (CSD) register provides information on how to access the Device contents. The CSD
defines the data format, error correction type, maximum data access time, data transfer speed, whether the
DSR register can be used etc. For details, refer to section 7.3 of the JEDEC Standard JESD84-B51.
Table 36: CSD register
Register Name
Bits
Bit Width Description
typ. Value
CSD_STRUCTURE
127:126
2
CSD structure
0x3
SPEC_VERS
125:122
4
System Specification version
0x4
—
121:120
2
Reserved
-
TAAC
119:112
8
Data read access-time 1
0x27
NSAC
111:104
8
Data read access-time 2 in CLK cycle
(NSAC*100)
0x01
TRAN_SPEED
103:96
8
Max. bus clock frequency
0x32
CCC
95:84
12
Device command classes
0x0F5 (32GB)
0x8F5
(64GB)
0x8F5 (128GB)
READ_BL_LEN
83:80
4
Max. read data block length
0x9
READ_BL_PARTIAL
79
1
Partial blocks for read allowed
0x0
Confidential
-35
/42-
Rev.1.0 July 2023
32GB/64GB/128GB eMMC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com