Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASFC Datasheet(PDF) 21 Page - Alliance Semiconductor Corporation

Part # ASFC
Description  Industrial embedded MMC 5.1 32 GBytes up to 128 GBytes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASFC Datasheet(HTML) 21 Page - Alliance Semiconductor Corporation

Back Button ASFC Datasheet HTML 17Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 18Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 19Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 20Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 21Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 22Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 23Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 24Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 25Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
Power supply eMMC
In the eMMC, VCC is used for the NAND flash device and its interface voltage; VCCQ is for the controller and the
MMC interface voltage as shown in Figure 13. The core regulator is optional and only required when internal
core logic voltage is regulated from VCCQ. A CReg capacitor must be connected to the VDDi terminal to stabilize
regulator output on the system.
Figure 13: eMMC Internal Power Diagram
eMMC Power Supply Voltages
The eMMC supports one or more combinations of VCC and VCCQ as shown in Table 18. The VCCQ must be defined at
equal to or less than VCC.
Table 18: eMMC Operating Voltage
Parameter
Symbol
Min.
Max.
Unit
Remarks
Supply voltage (NAND)
VCC
2.7
3.6
V
Supply voltage (I/O)
VCCQ
2.7
3.6
V
1.7
1.95
V
Supply power-up for 3.3V
tPRUH
35
ms
Supply power-up for 1.8V
tPRUL
25
ms
The eMMC must support at least one of the valid voltage configurations, and can optionally support all valid
voltage configurations (see Table 19).
Table 19: eMMC Voltage Combinations
VCCQ
1.7V–1.95V
2.7V–3.6V*
VCC
2.7V-3.6V
Valid
Valid
* VCCQ (I/O) 3.3 volt range is not supported in HS200 /HS400 devices
Confidential
-21
/42-
Rev.1.0 July 2023
32GB/64GB/128GB eMMC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com