Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D950-CORE Datasheet(PDF) 66 Page - STMicroelectronics

Part # D950-CORE
Description  16-Bit Fixed Point Digital Signal Processor DSP Core
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D950-CORE Datasheet(HTML) 66 Page - STMicroelectronics

Back Button D950-CORE Datasheet HTML 62Page - STMicroelectronics D950-CORE Datasheet HTML 63Page - STMicroelectronics D950-CORE Datasheet HTML 64Page - STMicroelectronics D950-CORE Datasheet HTML 65Page - STMicroelectronics D950-CORE Datasheet HTML 66Page - STMicroelectronics D950-CORE Datasheet HTML 67Page - STMicroelectronics D950-CORE Datasheet HTML 68Page - STMicroelectronics D950-CORE Datasheet HTML 69Page - STMicroelectronics D950-CORE Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 89 page
background image
66/89
D950-Core
7
ANNEX - HARDWARE PERIPHERAL LIBRARY
Specifications for peripheral functions designed for integration with the D950-Core, are given
in this chapter. An example of an AS-DSP built around the D950-Core and associated
peripherals, is given at the beginning of this data sheet. Other peripherals are available.
Contact your local marketing support for additional information.
The peripherals detailed in this section are:
•
Co-processor
•
Bus Switch Unit (BSU)
•
Interrupt controller
•
DMA controller.
7.1
CO-PROCESSOR
Dedicated co-processors can be designed by SGS-Thomson, by customer request.
The D950-Core instruction set includes two co-processor dedicated one-word instructions,
allowing one (COPS) or two (COPD) parallel data moves between X or Y-memory space and
co-processor registers.
While a co-processor instruction is decoded by the D950-Core, the VCI output is asserted
high, indicating to the co-processor that such an instruction will be executed at the next cycle.
Control and status registers, at least one of each, must be included in the co-processor. This
allows initialization in various operating modes and gives information to the D950-Core on
operations in progress and status.
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com