Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D950-CORE Datasheet(PDF) 24 Page - STMicroelectronics

Part # D950-CORE
Description  16-Bit Fixed Point Digital Signal Processor DSP Core
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D950-CORE Datasheet(HTML) 24 Page - STMicroelectronics

Back Button D950-CORE Datasheet HTML 20Page - STMicroelectronics D950-CORE Datasheet HTML 21Page - STMicroelectronics D950-CORE Datasheet HTML 22Page - STMicroelectronics D950-CORE Datasheet HTML 23Page - STMicroelectronics D950-CORE Datasheet HTML 24Page - STMicroelectronics D950-CORE Datasheet HTML 25Page - STMicroelectronics D950-CORE Datasheet HTML 26Page - STMicroelectronics D950-CORE Datasheet HTML 27Page - STMicroelectronics D950-CORE Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 89 page
background image
24/89
D950-Core
Immediate Data Addressing
This mode allows direct register loading. If the data is 16-bit long (see LR and LL bits of STA
register), this mode requires one word of instruction extension to store the data.
Immediate short data addressing is possible on 6-bit data, without instruction extension:
If AXi, AYi or STA are concerned, the 6 LSB’s are loaded from the instruction and the MSB’s
are unchanged. For all other registers, the MSB’s are fed with 0
Figure 4.10
Immediate Addressing
Stack operation addressing
16-bit Stack Pointer register SPX is available for X-memory space and SPY for Y-memory
space. It can be initialized to any value, provided it points to a stack dedicated memory area.
The stack size is limited to the available memory. No provision is taken to detect stack
overflows or underflows. After reset, the SP registers are not initialized.
The following addressing modes are possible with the 16-bit SP registers:
•
For the X and Y stack pointer registers: PUSH (SP pre-decrement) or POP (SP
post-increment) for register-to-stack move, memory-to-stack move and for
immediate value-to-stack move.
Double PUSH and double POP. In this operation, the PUSH or POP operation
is performed simultaneously on the X and Y stack point register. This is used in
a switching context.
•
For the X stack pointer register only: Indirect indexed addressing for register-
to-stack move.
re gis ter
va lu e
VR 02 01 7I
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com