Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D950-CORE Datasheet(PDF) 68 Page - STMicroelectronics

Part # D950-CORE
Description  16-Bit Fixed Point Digital Signal Processor DSP Core
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D950-CORE Datasheet(HTML) 68 Page - STMicroelectronics

Back Button D950-CORE Datasheet HTML 64Page - STMicroelectronics D950-CORE Datasheet HTML 65Page - STMicroelectronics D950-CORE Datasheet HTML 66Page - STMicroelectronics D950-CORE Datasheet HTML 67Page - STMicroelectronics D950-CORE Datasheet HTML 68Page - STMicroelectronics D950-CORE Datasheet HTML 69Page - STMicroelectronics D950-CORE Datasheet HTML 70Page - STMicroelectronics D950-CORE Datasheet HTML 71Page - STMicroelectronics D950-CORE Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 89 page
background image
68/89
D950-Core
7.2.2 I/O interface
In this section, the terms input and output are related to BSU, and the terms internal and
external are related to the AS-DSP.
The BSU I/O interface signals are of two types:
On the D950-Core side:
IA0/IA15 (I address bus) and ID0/ID15 (I data bus) with their associated control
signals:
IRD (read / input)
IWR (write / input)
IBS (bus strobe / input)
XA0/XA15 (X address bus) and XD0/XD15 (X data bus) with their associated control
signals:
XRD (read / input)
XWR (write /input)
XBS (bus strobe / input)
YA0/YA15 (Y address bus) and YD0/YD15 (Y data bus) with their associated control
signals:
YRD (read / input)
YWR (write / input)
YBS (bus strobe / input)
DTACK (data transfer acknowledge / output)
BSU_CLK (clock / input)
On the internal memory side:
IID (internal I-memory space deselect / output)
IXD (internal X-memory space deselect / output)
IYD (internal Y-memory space deselect / output)
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com