Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D950-CORE Datasheet(PDF) 87 Page - STMicroelectronics

Part # D950-CORE
Description  16-Bit Fixed Point Digital Signal Processor DSP Core
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D950-CORE Datasheet(HTML) 87 Page - STMicroelectronics

Back Button D950-CORE Datasheet HTML 81Page - STMicroelectronics D950-CORE Datasheet HTML 82Page - STMicroelectronics D950-CORE Datasheet HTML 83Page - STMicroelectronics D950-CORE Datasheet HTML 84Page - STMicroelectronics D950-CORE Datasheet HTML 85Page - STMicroelectronics D950-CORE Datasheet HTML 86Page - STMicroelectronics D950-CORE Datasheet HTML 87Page - STMicroelectronics D950-CORE Datasheet HTML 88Page - STMicroelectronics D950-CORE Datasheet HTML 89Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 87 / 89 page
background image
87/89
D950-Core
8.1.2
Registers Related to the D950-CORE
8.1.3
Registers related to the interrupt controller
Register
Address
Register
Name
Function
Location
0x0000
BX
Modulo base address for
X-memory space
ACU
0x0001
MX
Modulo maximum address for
X-memory space
ACU
0x0002
BY
Modulo base address for
Y-memory space
ACU
0x0003
MY
Modulo maximum address for
Y-memory space
ACU
0x0004
POR
Port Output Register
PORT
0x0005
PIR
Port Input Register
PORT
0x0006
PCDR
Port Control Direction Register
PORT
0x0007
PCSR
Port Control Sensitivity Register
PORT
0x0008
to
0x001F
Reserved for test and emulation
0x0062
PPR
Program Page Register
Peripherals
Register
Address
Register
Name
Function
Location
0x0020
IV0
Interrupt Vector 0 address
IT Controller
0x0021
IV1
Interrupt Vector 1 address
IT Controller
0x0022
IV2
Interrupt Vector 2 address
IT Controller
0x0023
IV3
Interrupt Vector 3 address
IT Controller
0x0024
IV4
Interrupt Vector 4 address
IT Controller
0x0025
IV5
Interrupt Vector 5 address
IT Controller
0x0026
IV6
Interrupt Vector 6 address
IT Controller
0x0027
IV7
Interrupt Vector 7 address
IT Controller
0x0028
ICR
Interrupt Control Register
IT Controller
0x0029
IMR
Interrupt Mask / Sensitivity Register
IT Controller
0x002A
IPR
Interrupt Priority Register
IT Controller
0x002B
ISPR
Interrupt Stack Pointer Register
IT Controller
0x002C
ISR
Interrupt Status Register
IT Controller
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com