Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D950-CORE Datasheet(PDF) 21 Page - STMicroelectronics

Part # D950-CORE
Description  16-Bit Fixed Point Digital Signal Processor DSP Core
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D950-CORE Datasheet(HTML) 21 Page - STMicroelectronics

Back Button D950-CORE Datasheet HTML 17Page - STMicroelectronics D950-CORE Datasheet HTML 18Page - STMicroelectronics D950-CORE Datasheet HTML 19Page - STMicroelectronics D950-CORE Datasheet HTML 20Page - STMicroelectronics D950-CORE Datasheet HTML 21Page - STMicroelectronics D950-CORE Datasheet HTML 22Page - STMicroelectronics D950-CORE Datasheet HTML 23Page - STMicroelectronics D950-CORE Datasheet HTML 24Page - STMicroelectronics D950-CORE Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 89 page
background image
21/89
D950-Core
4.2.2 Registers
The D950-Core ACU includes two types of registers: data registers and control registers
Data registers:
The following registers are directly addressed by instructions:
2 x 16-bit pointer registers and 4 x 16-bit index registers are dedicated for each
data memory space:
AX0/AX1 (pointer), IX0/IX1/IX2/IX3 (index) for X-memory space,
AY0/AY1 (pointer), IY0/IY1/IY2/IY3 (index) for Y-memory space.
In addition to these registers, 16-bit SP registers address the stacks located in the X and Y-
memory spaces.
The following four registers are mapped in Y-memory space:
2 x 16-bit base and maximum address registers are dedicated for each Data
memory space:
BX (Base), MX (Maximum) for X-memory space,
BY (Base), MY (Maximum) for Y-memory space.
Control Register:
STA: Bits 8 to 13 are dedicated to ACU (see Section 4.5.1). Index register values are 16-bit
signed.
4.2.3 Addressing modes
The D950-Core provides the following addressing modes:.
Addressing Modes
Type
DIRECT
INDIRECT
LINEAR POST- INCREMENT
MODULO POST-INCREMENT
BIT-REVERSE POST-INCREMENT
INDEXED
IMMEDIATE
STACK
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com