Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D950-CORE Datasheet(PDF) 79 Page - STMicroelectronics

Part # D950-CORE
Description  16-Bit Fixed Point Digital Signal Processor DSP Core
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D950-CORE Datasheet(HTML) 79 Page - STMicroelectronics

Back Button D950-CORE Datasheet HTML 75Page - STMicroelectronics D950-CORE Datasheet HTML 76Page - STMicroelectronics D950-CORE Datasheet HTML 77Page - STMicroelectronics D950-CORE Datasheet HTML 78Page - STMicroelectronics D950-CORE Datasheet HTML 79Page - STMicroelectronics D950-CORE Datasheet HTML 80Page - STMicroelectronics D950-CORE Datasheet HTML 81Page - STMicroelectronics D950-CORE Datasheet HTML 82Page - STMicroelectronics D950-CORE Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 89 page
background image
79/89
D950-Core
7.4.3 Operation
The DMA controller interface contains four independent channels allowing data transfer on I-
memory space and simultaneous data transfer on X and Y-memory spaces. When requests
occur at the same time on different channels, to transfer data on the same bus, the requests
are concatenated to be acknowledged during the same transfer, according to the following
fixed priority (see table):
The DMA transfer is based on a DSP cycle stealing operation:
The DMA controller generates a ‘hold request’ to the AS-DSP.
The AS-DSP sends back a ‘hold acknowledge’ to the DMA controller and
enters the hold state (bus released).
The DMA controller, manages the transfer and enters its idle state at the end of
the transfer, until reception of a new DMA request. The ‘hold request’ signal is
removed.
The data transfer duration is n+2 cycles, split into:
One cycle inserted at the beginning of the transfer when bus controls are
released by the D950-Core, n cycles for the number of data words to be trans-
ferred.
Another cycle is inserted at the end of the transfer when bus controls are
released by the DMA controller.
Single or block data can be transferred. The ‘DMA request’ signal is well adapted to such data
transfers by being either edge (single) or level (block) sensitive. Nevertheless, data blocks can
be transferred one data at time using an edge sensitive request signal.
A double buffering mechanism is available to deal with data blocks requiring the allocation of
2N addresses for the transfer of a N data block.
An interrupt can be used to warn AS-DSP that a predefined number of data have been
transferred and are ready to be processed. Interrupt requests are sent from the DMA controller
to the interrupt controller. The selected channels must be edge sensitive and the user has to
define the proper priority.
There are two ways to connect the DMA and the interrupt controllers, depending on the state
on the DIP_ENA static pin:
DIP_ENA = 0, there are enough available interrupt sources in the interrupt
controller: connect each DMA channel interrupt request (DITi, active on falling
Table 7.1
DMA Controller Interface Priority Levels
Priority
Channel
Level
0
0
Highest
11
22
3
3
Lowest
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com