Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D950-CORE Datasheet(PDF) 37 Page - STMicroelectronics

Part # D950-CORE
Description  16-Bit Fixed Point Digital Signal Processor DSP Core
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D950-CORE Datasheet(HTML) 37 Page - STMicroelectronics

Back Button D950-CORE Datasheet HTML 33Page - STMicroelectronics D950-CORE Datasheet HTML 34Page - STMicroelectronics D950-CORE Datasheet HTML 35Page - STMicroelectronics D950-CORE Datasheet HTML 36Page - STMicroelectronics D950-CORE Datasheet HTML 37Page - STMicroelectronics D950-CORE Datasheet HTML 38Page - STMicroelectronics D950-CORE Datasheet HTML 39Page - STMicroelectronics D950-CORE Datasheet HTML 40Page - STMicroelectronics D950-CORE Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 89 page
background image
37/89
D950-Core
N:
Normalized
0: ALU result is not normalized (def.)
1: ALU result is normalized (bits 31 to 39 are equal & opposed to bit 30)
EXT:
Extension
0: The 8-bit extension is the sign of the 32-bit ALU result
1: The last ALU result overflows the 32-bit format
MOVF:Memorized overflow
0: Reset when tested by a conditional instruction (def.)
1: Set when the last ALU result overflows the 40-bit format
OVF: Overflow
0: An arithmetic overflows does not occur for the last 40-bit ALU result (def.)
1: An arithmetic overflow occurs for the last 40-bit ALU result
Z:
Zero
0: ALU result is different from zero (def.)
1: ALU result is zero
C:
Carry value generated out of bit 39 during the last ALU operation
S:
Sign
0: ALU result is positive (def.)
1: ALU result is negative
Note:‘-’ for bit 13 indicates RESERVED (read: 0, write: don't care)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com