Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D950-CORE Datasheet(PDF) 19 Page - STMicroelectronics

Part # D950-CORE
Description  16-Bit Fixed Point Digital Signal Processor DSP Core
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D950-CORE Datasheet(HTML) 19 Page - STMicroelectronics

Back Button D950-CORE Datasheet HTML 15Page - STMicroelectronics D950-CORE Datasheet HTML 16Page - STMicroelectronics D950-CORE Datasheet HTML 17Page - STMicroelectronics D950-CORE Datasheet HTML 18Page - STMicroelectronics D950-CORE Datasheet HTML 19Page - STMicroelectronics D950-CORE Datasheet HTML 20Page - STMicroelectronics D950-CORE Datasheet HTML 21Page - STMicroelectronics D950-CORE Datasheet HTML 22Page - STMicroelectronics D950-CORE Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 89 page
background image
19/89
D950-Core
Figure 4.3
D950-Core Bit Manipulation Unit
This 8-bit mask is extended to a 16-bit mask in three ways:
•
8-bit value on MSBs, 0x00 on LSBs,
•
0x00 on MSBs, 8-bit value on LSBs,
•
8-bit value on MSBs, 8-bit value on LSBs. (In this case, the mask value is the
same on MSB and LSB.)
For registers with a length less than 16-bit (AIE, BSC, PSC), the signed value data is sign-
extended to a 16-bit signed value data before being tested.
Figure 4.4
Extension of an 8-bit Mask to 16-bit Mask
Figure 4.5
Sign Extension to a 16-bit Signed Value
15
8
7
0
MASK
0
0MASK
MASK
MASK
16
8
16
INTERNAL REGISTER
RAM
EXTENSION
TST
BIT MANIPULATION
UNIT
MASK
Processed Data
VR02017D
VR 020 17P
S
0
15
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com