Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D950-CORE Datasheet(PDF) 88 Page - STMicroelectronics

Part # D950-CORE
Description  16-Bit Fixed Point Digital Signal Processor DSP Core
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D950-CORE Datasheet(HTML) 88 Page - STMicroelectronics

Back Button D950-CORE Datasheet HTML 81Page - STMicroelectronics D950-CORE Datasheet HTML 82Page - STMicroelectronics D950-CORE Datasheet HTML 83Page - STMicroelectronics D950-CORE Datasheet HTML 84Page - STMicroelectronics D950-CORE Datasheet HTML 85Page - STMicroelectronics D950-CORE Datasheet HTML 86Page - STMicroelectronics D950-CORE Datasheet HTML 87Page - STMicroelectronics D950-CORE Datasheet HTML 88Page - STMicroelectronics D950-CORE Datasheet HTML 89Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 88 / 89 page
background image
88/89
D950-Core
8.1.4
Registers related to the DMA controller
8.1.5
Registers related to the Bus Switch Unit
Register
Address
Register
Name
Function
Location
0x0030
DIA0
DMA channel 0 initial address
DMA controller
0x0031
DIA1
DMA channel 1 initial address
DMA controller
0x0032
DIA2
DMA channel 2 initial address
DMA controller
0x0033
DIA3
DMA channel 3 initial address
DMA controller
0x0034
DCA0
DMA channel 0 current address
DMA controller
0x0035
DCA1
DMA channel 1 current address
DMA controller
0x0036
DCA2
DMA channel 2 current address
DMA controller
0x0037
DCA3
DMA channel 3 current address
DMA controller
0x0038
DIC0
DMA channel 0 initial count
DMA controller
0x0039
DIC1
DMA channel 1 initial count
DMA controller
0x003A
DIC2
DMA channel 2 initial count
DMA controller
0x003B
DIC3
DMA channel 3 initial count
DMA controller
0x003C
DCC0
DMA channel 0 current count
DMA controller
0x003D
DCC1
DMA channel 1 current count
DMA controller
0x003E
DCC2
DMA channel 2 current count
DMA controller
0x003F
DCC3
DMA channel 3 current count
DMA controller
0x0040
DGC
DMA General Control
DMA controller
0x0041
DMS
DMA Mask Sensitivity
DMA controller
0x0042
DAIC
DMA Address / Interrupt Control
DMA controller
Register
Address
Register
Name
Function
Location
0x0050
IER0
External I-bus control register 0
BSU
0x0051
XER0
External X-bus control register 0
BSU
0x0052
YER0
External Y-bus control register 0
BSU
0x0053
IER1
External I-bus control register 1
BSU
0x0054
XER1
External X-bus control register 1
BSU
0x0055
YER1
External Y-bus control register 1
BSU
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com