Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D950-CORE Datasheet(PDF) 71 Page - STMicroelectronics

Part # D950-CORE
Description  16-Bit Fixed Point Digital Signal Processor DSP Core
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D950-CORE Datasheet(HTML) 71 Page - STMicroelectronics

Back Button D950-CORE Datasheet HTML 67Page - STMicroelectronics D950-CORE Datasheet HTML 68Page - STMicroelectronics D950-CORE Datasheet HTML 69Page - STMicroelectronics D950-CORE Datasheet HTML 70Page - STMicroelectronics D950-CORE Datasheet HTML 71Page - STMicroelectronics D950-CORE Datasheet HTML 72Page - STMicroelectronics D950-CORE Datasheet HTML 73Page - STMicroelectronics D950-CORE Datasheet HTML 74Page - STMicroelectronics D950-CORE Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 89 page
background image
71/89
D950-Core
XER0/1: X-memory space control registers
After reset, XER0/1 default values are 0x83EF/0x83FF
IM:
Intel/ Motorola
0: Motorola type for memories
1: Intel type for memories (def.)
EN_X:
Enable for X-space data exchanges
XA15 / XA10 X-memory space map for boundary on-chip or off-chip
W3 / W0:
Wait state count (1 to 16) for off-chip access (X-memory space)
YER0/1: Y-memory space control registers
After reset, YER0/1 default values are 0x83EF/0x83FF
IM:
Intel / Motorola
0: Motorola type for memories
1: Intel type for memories (def.)
EN_Y:
Enable for Y-space data exchanges
YA15 / YA10: Y-memory space Map for boundary on-chip or off-chip
W3 / W0:
Wait state count (1 to 16) for off-chip access (Y-memory space)
IER0/1: Instruction memory control registers
After reset, IER0/1 default values are 0x83EF/0x83FF
IM:
Intel / Motorola
0: Motorola type for memories
1: Intel type for memories (def.)
EN_I:
Enable for I-space data exchanges
IA15 / IA10:
I-memory space Map for boundary on-chip or off-chip
W3 / W0:
Wait state count (1 to 16) for off-chip access (I-memory space)
15
14
13
12
11
10
9876543210
IM
EN_X
----
XA15
XA14
XA13
XA12
XA11
XA10
W3
W2
W1
W0
15
14
13
12
11
10
9876543210
IM
EN_Y
----
YA15
YA14
YA13
YA12
YA11
YA10
W3
W2
W1
W0
15
14
13
12
11
10
9876543210
IM
EN_I
----
IA15
IA14
IA13
IA12
IA11
IA10
W3
W2
W1
W0
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com