Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D950-CORE Datasheet(PDF) 14 Page - STMicroelectronics

Part # D950-CORE
Description  16-Bit Fixed Point Digital Signal Processor DSP Core
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D950-CORE Datasheet(HTML) 14 Page - STMicroelectronics

Back Button D950-CORE Datasheet HTML 10Page - STMicroelectronics D950-CORE Datasheet HTML 11Page - STMicroelectronics D950-CORE Datasheet HTML 12Page - STMicroelectronics D950-CORE Datasheet HTML 13Page - STMicroelectronics D950-CORE Datasheet HTML 14Page - STMicroelectronics D950-CORE Datasheet HTML 15Page - STMicroelectronics D950-CORE Datasheet HTML 16Page - STMicroelectronics D950-CORE Datasheet HTML 17Page - STMicroelectronics D950-CORE Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 89 page
background image
14/89
D950-Core
4.1.2 Registers
There are two types of registers: data registers and control registers. All registers are direct
addressed. Registers can be read or written through the X and Y buses. All of the DCU parts
(multiplier, BSU, ALU, BMU) operate on these registers.
Data registers
L0 / L1:
2 x 16-bit input Left registers.
R0 / R1:
2 x 16-bit input Right registers.
A0 / A1:
2 x 40-bit Accumulators, each made of the concatenation of an 8-bit extension
A0E (resp. A1E), a 16-bit MSB A0H (resp. A1H) and a 16-bit LSB A0L (resp. A1L).
These registers are dedicated to extended precision calculations, in order to
provide up to 240 dB of dynamic range.
P:
32-bit multiplier result register made of the concatenation of PH (MSB) and PL
(LSB) 16-bit registers
Table 4.1
Data Register Structure.
L
L1
L0
32-bit Input Left
31
16
15
0
R
R1
R0
32-bit Input Right
31
16
A0
A0E
A0H
A0L
40-bit Accumulator 0
39
32
31
16
A1
A1E
A1H
A1L
40-bit Accumulator 1
39
32
31
16
15
0
P
PH
PL
32-bit Multiplier Result
31
16
15
0
L
L1
0
16-bit Input Left
31
16
15
0
L
L0
0
16-bit Input Left
31
16
15
0
R
R1
0
16-bit Input Right
31
16
15
0
R
R0
0
16-bit Input Right
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com