Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D950-CORE Datasheet(PDF) 34 Page - STMicroelectronics

Part # D950-CORE
Description  16-Bit Fixed Point Digital Signal Processor DSP Core
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D950-CORE Datasheet(HTML) 34 Page - STMicroelectronics

Back Button D950-CORE Datasheet HTML 30Page - STMicroelectronics D950-CORE Datasheet HTML 31Page - STMicroelectronics D950-CORE Datasheet HTML 32Page - STMicroelectronics D950-CORE Datasheet HTML 33Page - STMicroelectronics D950-CORE Datasheet HTML 34Page - STMicroelectronics D950-CORE Datasheet HTML 35Page - STMicroelectronics D950-CORE Datasheet HTML 36Page - STMicroelectronics D950-CORE Datasheet HTML 37Page - STMicroelectronics D950-CORE Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 89 page
background image
34/89
D950-Core
4.5
Common Control Registers
4.5.1 STA: Status register
STA is a 16-bit status register shared by both the DCU, the ACU and the PCU.
Bits 0 to 7 are dedicated to DCU which defines the calculation mode for certain instructions
and specifies the type of operands to be used. Bits 8 to 13 are dedicated to the ACU which
initializes circular and bit-reverse addressing modes. Bits 14 and 15 are dedicated to the PCU
which controls interrupts.
After reset, STA default value is 0x004C.
EI:
Enable Interrupt
0: Interrupt is disabled (def.)
1: Interrupt is enabled
IPE:
Interrupt Pending: Set and reset by software only using the bit manipulation instruc-
tion.
0: Reset by hardware when the interrupt is acknowledged (def.)
1: Set by hardware when the trigger event occurs or by the programmer to generate
an interrupt.
RX1:
Bit reverse addressing mode for AX1
0: No bit reverse addressing mode for AX1 (def.)
1: Bit reverse addressing mode is selected for AX1
RX0:
Bit reverse addressing mode for AX0
0: No bit reverse addressing mode for AX0 (def.)
1: Bit reverse addressing mode is selected for AX0
MY1: Modulo addressing mode for AY1
0: No modulo addressing mode for AY1 (def.)
1: Modulo addressing mode is selected for AY1. AY1 is updated through the Y-
memory space modulo logic.
MY0: Modulo addressing mode for AY0
0: No modulo addressing mode for AY0 (def.)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
EI
IPE
RX1
RX0
MY1
MY0
MX1
MX0
RND
ES
SAT
I
SR
SL
LR
LL
PCU
ACU
DCU
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com