Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D950-CORE Datasheet(PDF) 74 Page - STMicroelectronics

Part # D950-CORE
Description  16-Bit Fixed Point Digital Signal Processor DSP Core
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D950-CORE Datasheet(HTML) 74 Page - STMicroelectronics

Back Button D950-CORE Datasheet HTML 70Page - STMicroelectronics D950-CORE Datasheet HTML 71Page - STMicroelectronics D950-CORE Datasheet HTML 72Page - STMicroelectronics D950-CORE Datasheet HTML 73Page - STMicroelectronics D950-CORE Datasheet HTML 74Page - STMicroelectronics D950-CORE Datasheet HTML 75Page - STMicroelectronics D950-CORE Datasheet HTML 76Page - STMicroelectronics D950-CORE Datasheet HTML 77Page - STMicroelectronics D950-CORE Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 89 page
background image
74/89
D950-Core
For the following examples, ‘-’ means RESERVED (read: 0, write: don't care)
IMi:
Interrupt Mask
0: Interrupt i is not masked
1: Interrupt i is masked (def.)
ISi:
Sensitivity
0: ITRQi is active on a low level (def.)
1: ITRQi is active on a falling edge
IPR: Interrupt Priority Register
IPR contains the priority level of each ITRQi interrupt input.
Interrupt priority level is a 2-bit value, so can be 0,1,2 or 3 (0 lowest priority, 3 highest priority).
When two ITRQi of same priority level are requested during the same cycle, the first
acknowledged interrupt is the interrupt corresponding to the lowest numberical value.
After reset, IPR default value is 0.
IPi:
Interrupt Priority level (0, 1, 2 or 3) (def. 0)
ICR: Interrupt Control Register
ICR displays the current priority level and up to four stacked priority levels.
The current priority level is coded using 3 bits but only five different values are available:
Note:
The D950-Core interrupts (SWI, RESET) are priority level 4 (highest level).
An interrupt request is acknowledged when its priority level is strictly higher than the current
priority level. In this case, the current priority level becomes the interrupt priority level and the
previous current priority level is pushed onto the stack and displayed as SPL1.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
IS7IM7
IS6IM6
IS5
IM5
IS4
IM4
IS3IM3
IS2IM2
IS1IM1
IS0
IM0
15 - 14
13 - 12
11 - 10
9 - 8
7 - 6
5 - 4
3 - 2
1 - 0
IP7
IP6
IP5
IP4
IP3
IP2
IP1
IP0
PRIORITY LEVEL
CODING
ACCEPTABLE IT LEVEL PRIORITY
- 1
111
0,1,2,3
0
000
1,2,3
1
001
2,3
2
010
3
3
011
Reserved
100 - 110
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com