Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D950-CORE Datasheet(PDF) 36 Page - STMicroelectronics

Part # D950-CORE
Description  16-Bit Fixed Point Digital Signal Processor DSP Core
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D950-CORE Datasheet(HTML) 36 Page - STMicroelectronics

Back Button D950-CORE Datasheet HTML 32Page - STMicroelectronics D950-CORE Datasheet HTML 33Page - STMicroelectronics D950-CORE Datasheet HTML 34Page - STMicroelectronics D950-CORE Datasheet HTML 35Page - STMicroelectronics D950-CORE Datasheet HTML 36Page - STMicroelectronics D950-CORE Datasheet HTML 37Page - STMicroelectronics D950-CORE Datasheet HTML 38Page - STMicroelectronics D950-CORE Datasheet HTML 39Page - STMicroelectronics D950-CORE Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 89 page
background image
36/89
D950-Core
1: Data contained in R0 and R1 is long 32-bit data (the 16 MSB’s in R1, the 16 LSB’s
in R0)
LL:
Left side long data
0: Normal 16-bit data mode (def.)
1: Data contained in L0 and L1 is long 32-bit data (the 16 MSB’s in L1, the 16 LSB’s in
L0)
4.5.2 CCR: Condition Code Register
CCR is a 16-bit register shared by both the DCU (bits 0 to 12) and the PCU (bits 14 and 15).
This register is affected each time an ALU operation occurs, and gives information on the last
result stored in A0 or A1 accumulator.
After reset, CCR default value is 0.
LSP1/LSP0 Loop Stack Pointer
00: No loop / Bank 1 (def.)
01: Loop level 1 / Bank 1
10: Loop level 2 / Bank 2
11: Loop level 3 / Bank 3
TST:
Result of the test instructions in bit manipulation or last bit shifted out in pure shift
operations
C31:
Carry value generated out of bit 31 during the last ALU operation (always loaded
except for DMULT instruction)
NQ:
1’s complement of next quotient bit (only affected by DIVS and DIVQ instructions)
CS:
Compared sign updated by CMPS instruction as the XOR of the two ALU operand
signs (bit 31) (used also by DIVS, RESQ and RESR instructions)
PAR: Parity of the last ALU result.
0: Bit 16 of the last 40-bit ALU result is 0 (def.)
1: Bit 16 of the last 40-bit ALU result is 1
MN:
Memorized normalized
0: Reset when tested by a conditional instruction (def.)
1: Set when ALU result is normalized
15
14
13
12
11
10
9876543210
LSP1 LSP0
-
TST
C31
NQ
CS
PAR
MN
N
EXT MOVF OVF
Z
C
S
PCU
-
DCU
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com