Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D950-CORE Datasheet(PDF) 75 Page - STMicroelectronics

Part # D950-CORE
Description  16-Bit Fixed Point Digital Signal Processor DSP Core
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D950-CORE Datasheet(HTML) 75 Page - STMicroelectronics

Back Button D950-CORE Datasheet HTML 71Page - STMicroelectronics D950-CORE Datasheet HTML 72Page - STMicroelectronics D950-CORE Datasheet HTML 73Page - STMicroelectronics D950-CORE Datasheet HTML 74Page - STMicroelectronics D950-CORE Datasheet HTML 75Page - STMicroelectronics D950-CORE Datasheet HTML 76Page - STMicroelectronics D950-CORE Datasheet HTML 77Page - STMicroelectronics D950-CORE Datasheet HTML 78Page - STMicroelectronics D950-CORE Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 89 page
background image
75/89
D950-Core
The process is repeated over a range of four interrupt requests and the four previous current
priority levels are displayed as SPL1, SPL2, SPL3 and SPL4. If less than four interrupts are
pushed onto the stack, the unused Stack Priority Level words are reset to ‘000’.
At the end of the interrupt routine, the priority levels are popped from the stack.
If the SPLi values are directly written, the register content is not more significant but the
interrupt routine procedure is not affected. The only way to affect this is to reset the AS-DSP.
After reset, ICR default value is 0x000B.
SPL4:
3-bit 4th stacked priority level
SPL3:
3-bit 3rd stacked priority level
SPL2:
3-bit 2nd stacked priority level
SPL1:
3-bit 1st stacked priority level
ES:
Empty Stack flag
0: Stack is used
1: Stack is not used (def.)
CPL:
Current Priority level (-1, 0, 1, 2 or 3) (def. 011)
Note:After reset, no interrupt request from interrupt controller is acknowledged.
‘-’ means RESERVED (read: 0, write: don't care)
Figure 7.4
ICR and ISPR Operation
15 - 14 - 13
12 - 11 - 10
9 - 8 - 7
6 - 5 - 4
3
2 - 1 - 0
SPL4
SPL3
SPL2
SPL1
ES
CPL
INTERRUPT LEVEL 2
PROGRAM
PROGRAM
IT2
PROGRAM
IT3
IT2
IT3
INTERRUPT LEVEL 3
XX
X
X
1
-1
SPL4 SPL3 SPL2 SPL1 ES CPL
XX
X
-1
0
2
SPL4 SPL3 SPL2 SPL1 ES CPL
XX
-1
2
0
3
0
1
2
ISP
ISP
ISP
ICR
ISPR
VR02020D
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com