Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D950-CORE Datasheet(PDF) 16 Page - STMicroelectronics

Part # D950-CORE
Description  16-Bit Fixed Point Digital Signal Processor DSP Core
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D950-CORE Datasheet(HTML) 16 Page - STMicroelectronics

Back Button D950-CORE Datasheet HTML 12Page - STMicroelectronics D950-CORE Datasheet HTML 13Page - STMicroelectronics D950-CORE Datasheet HTML 14Page - STMicroelectronics D950-CORE Datasheet HTML 15Page - STMicroelectronics D950-CORE Datasheet HTML 16Page - STMicroelectronics D950-CORE Datasheet HTML 17Page - STMicroelectronics D950-CORE Datasheet HTML 18Page - STMicroelectronics D950-CORE Datasheet HTML 19Page - STMicroelectronics D950-CORE Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 89 page
background image
16/89
D950-Core
4.1.4 Barrel Shifter Unit (BSU)
The D950-Core BSU provides a complete set of shifting functions
Arithmetic shift: 40-bit input (either a 32 bit operand sign extended to 40-bit, or a 40-bit
accumulator), providing a valid result
Logical shift: provides a 32-bit result which is loaded into a 40-bit accumulator, the 8-bit
extension of which is reset.
Rotation:
8-bit EXT/sign
16-bit MSB
16-bit LSB
TST
8-bit EXT/sign
16-bit MSB
16-bit LSB
0
TST
Right: shifts the 40-bit input data to the right, the upper part is sign extended
Left: shifts the 40-bit input data to the left, the upper part is fed by 0
8-bit EXT = 0
16-bit MSB
16-bit LSB
TST
8-bit EXT = 0
16-bit MSB
16-bit LSB
0
TST
Right: shifts the 32-bit input data to the right, the upper part is fed by 0
Left: shifts the 32-bit input data to the left, the upper part is fed by 0
0
8-bit EXT = 0
16-bit MSB
16-bit LSB
16-bit MSB
16-bit LSB
TST
Right: rotates the input data to the right (only through the BSC register)
Left with TST: rotates the 33-bit data made of the concatenation of TST-bit
0
Left: rotates the 32-bit input data to the left
TST
of CCR with the 32-bit input data to the left (the LSB of the 32-bit input is
fed by TST-bit, the MSB of the 32-bit input feeds the TST-bit of CCR).
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com