Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D950-CORE Datasheet(PDF) 55 Page - STMicroelectronics

Part # D950-CORE
Description  16-Bit Fixed Point Digital Signal Processor DSP Core
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D950-CORE Datasheet(HTML) 55 Page - STMicroelectronics

Back Button D950-CORE Datasheet HTML 51Page - STMicroelectronics D950-CORE Datasheet HTML 52Page - STMicroelectronics D950-CORE Datasheet HTML 53Page - STMicroelectronics D950-CORE Datasheet HTML 54Page - STMicroelectronics D950-CORE Datasheet HTML 55Page - STMicroelectronics D950-CORE Datasheet HTML 56Page - STMicroelectronics D950-CORE Datasheet HTML 57Page - STMicroelectronics D950-CORE Datasheet HTML 58Page - STMicroelectronics D950-CORE Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 89 page
background image
55/89
D950-Core
5.5
Instruction Cycle and Word Count
Table 5.1
Instruction Cycle and Word Count
Instruction Group / Subgroup
Words
Cycles
Assignment indirect single
1
1
Assignment indirect double
1
1
Assignment direct
2
2
Assignment indirect indexed
1
2
Assignment immediate short
1
1
Assignment immediate long
2
2
Assignment register to register
1
1
Assignment register / PRAM
1
4
ALU 1-word operand
1
1
ALU 2-word operand
1
1
ALU 3-word operand
1
1
MULT
1
1
DMULT
1
2
ALU Multiplication
1
1
SQR
1
1
Bit Manipulation
2
2
Program Control Non Delayed
1
2 or 3
Program Control Delayed
1
1 or 2
Conditional Assignment
1
1
LDCC
1
2
REPEAT (single) < 512
1
1
REPEAT (single) > 512
2
2
REPEAT (block) < 512
2
2
REPEAT (block) > 512
2 or 3
2 or 3
COPD
1
1
COPS
1
1
PUSH / POP register
1
1
DPUSH / DPOP register
1
1
PUSH / POP direct address
2
3
DPUSH / DPOP direct address
2
3
PUSH immediate value
2
3
DPUSH immediate value
2
3
INC SP
1
1
Register / Stack indirect indexed
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com