Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D950-CORE Datasheet(PDF) 57 Page - STMicroelectronics

Part # D950-CORE
Description  16-Bit Fixed Point Digital Signal Processor DSP Core
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D950-CORE Datasheet(HTML) 57 Page - STMicroelectronics

Back Button D950-CORE Datasheet HTML 53Page - STMicroelectronics D950-CORE Datasheet HTML 54Page - STMicroelectronics D950-CORE Datasheet HTML 55Page - STMicroelectronics D950-CORE Datasheet HTML 56Page - STMicroelectronics D950-CORE Datasheet HTML 57Page - STMicroelectronics D950-CORE Datasheet HTML 58Page - STMicroelectronics D950-CORE Datasheet HTML 59Page - STMicroelectronics D950-CORE Datasheet HTML 60Page - STMicroelectronics D950-CORE Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 89 page
background image
57/89
D950-Core
6.3
AC CHARACTERISTICS
Conditions : VDD= 2.7V - 3.6V, Junction temperature : -40°C to +125°C
6.3.1 Bus AC Electrical Characterstics (for X, Y and I buses)
Figure 6.1
Bus AC Electrical Characterstics (for X, Y and I buses)
Note:
C_load = 3 pF for all outputs
Num
Parameter
Min
Typ
Max.
Unit
T0
CLKIN High to INCYCLE High
2.3
ns
T1
INCYCLE High to BS Low/High
0
ns
T2
INCYCLE HiGH to
RD/WR Lo
T/4
ns
T21
INCYCLE HiGH to
RD/WR High
0
T3
INCYCLE High to Address Valid
I
1.0
ns
XY
2.3
ns
T4
DATA_IN Setup to
RD High
I
1.0
ns
XY
1.5
ns
T5
DATA_IN Hold from
RD High
0
ns
T6
WR Low to DATA_OUT Valid
1.5
ns
T7
WR Low to DATA_OUT Lo-Z
1.0
ns
T8
WR High to DATA_OUT invalid
0
ns
T9
WR High to DATA_OUT Hi-Z
0
ns
VR01939A
BS
RD, WR
2
ADDRESS
3
DATA_IN
DATA_OUT
5
4
68
7
9
2
1
INCYCLE
CLKIN
0
T
1
2
3
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com