Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D950-CORE Datasheet(PDF) 85 Page - STMicroelectronics

Part # D950-CORE
Description  16-Bit Fixed Point Digital Signal Processor DSP Core
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D950-CORE Datasheet(HTML) 85 Page - STMicroelectronics

Back Button D950-CORE Datasheet HTML 81Page - STMicroelectronics D950-CORE Datasheet HTML 82Page - STMicroelectronics D950-CORE Datasheet HTML 83Page - STMicroelectronics D950-CORE Datasheet HTML 84Page - STMicroelectronics D950-CORE Datasheet HTML 85Page - STMicroelectronics D950-CORE Datasheet HTML 86Page - STMicroelectronics D950-CORE Datasheet HTML 87Page - STMicroelectronics D950-CORE Datasheet HTML 88Page - STMicroelectronics D950-CORE Datasheet HTML 89Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 85 / 89 page
background image
85/89
D950-Core
7.5.2 Registers
There are two types of registers for the EMU, data registers, and control and status registers.
They are mapped in the Y-memory space.
Data Registers
BP0, BP1, BP2, BP3: Breakpoint registers
0, 1, 2, 3 values. 16-bit breakpoint registers allowing breakpoints.
BPC: Breakpoint Counter register. This 16-bit register is initialized by a load instruction and
decremented each time a valid condition is met on a count enabled breakpoint. Breakpoints
with and without a count condition can be set simultaneously. After reset, BPC is not initialized.
PCB: Program Counter Trace Buffer register allows the user to keep trace of the PC value for
the six last executed instructions. PCB stores one address value per instruction, whatever the
instruction type (single cycle, single word, multiple cycles, multiple words)
Control and Status Registers
Three breakpoint control registers allow simple or multiple breakpoints (conditional or not) to
be set and counting breakpoint events to be enabled..
Breakpoint Register
Breakpoint Location
Bus
BP3
Program memory address
IA or YD
BP2
or Data memory data
IA or XD
BP1
Data memory
XA or
BP0
Address
YA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com