Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D950-CORE Datasheet(PDF) 22 Page - STMicroelectronics

Part # D950-CORE
Description  16-Bit Fixed Point Digital Signal Processor DSP Core
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D950-CORE Datasheet(HTML) 22 Page - STMicroelectronics

Back Button D950-CORE Datasheet HTML 18Page - STMicroelectronics D950-CORE Datasheet HTML 19Page - STMicroelectronics D950-CORE Datasheet HTML 20Page - STMicroelectronics D950-CORE Datasheet HTML 21Page - STMicroelectronics D950-CORE Datasheet HTML 22Page - STMicroelectronics D950-CORE Datasheet HTML 23Page - STMicroelectronics D950-CORE Datasheet HTML 24Page - STMicroelectronics D950-CORE Datasheet HTML 25Page - STMicroelectronics D950-CORE Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 89 page
background image
22/89
D950-Core
Direct addressing
Memory direct addressing instructions require one extension word to provide the memory
address, and are executed in two cycles. They are used for data moves between memory and
direct addressable registers.
Registers addressable by the instruction code include:
•
16 for DCU (L1/L0/R1/R0/A1E/A1H/A1L/A0E/A0H/A0L/PH/PL/BSC/PSC/STA/
CCR),
•
13 for ACU (AX0/AX1/IX0/IX1/IX2/IX3/AY0/AY1/IY0/IY1/IY2/IY3/SPX),
•
3 for PCU (LS/LC/LE).
Figure 4.7
Direct Addressing
Indirect addressing
See RX1, RX0, MY1, MY0, MX1 and MX0 bits of the STA register. The instruction specifies
the address register (AX0, AX1, AY0, AY1) of the operand to process, and the address
calculation to be performed, according to STA register content.
At the end of the instruction, the new address register (AXi / AYi) contains the previously
selected address (AXi / AYi), post-incremented by the corresponding index registers (IXi / IYi).
Four types of indirect addressing modes are implemented:
1: Linear addressing with post-modification.
Address modification is done using the normal 16-bit 2's complement linear
arithmetic.
2: Modulo addressing with post-modification.
This mode can be selected individually for AX0, AX1, AY0, AY1 registers (see
MX0, MX1, MY0, MY1 bits of STA register).
BX / MX: 16-bit register Base / Maximum address for AX0 / AX1,
BY / MY: 16-bit register Base / Maximum address for AY0 / AY1.
Base and maximum addresses can be defined to any value, provided that: the
maximum address is greater than base address, the starting address is initial-
ized within the base/maximum address range, the index absolute value is less
than or equal to maximum address minus the base address.
register
value
address
Memory
VR02017F
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com