Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D950-CORE Datasheet(PDF) 58 Page - STMicroelectronics

Part # D950-CORE
Description  16-Bit Fixed Point Digital Signal Processor DSP Core
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D950-CORE Datasheet(HTML) 58 Page - STMicroelectronics

Back Button D950-CORE Datasheet HTML 54Page - STMicroelectronics D950-CORE Datasheet HTML 55Page - STMicroelectronics D950-CORE Datasheet HTML 56Page - STMicroelectronics D950-CORE Datasheet HTML 57Page - STMicroelectronics D950-CORE Datasheet HTML 58Page - STMicroelectronics D950-CORE Datasheet HTML 59Page - STMicroelectronics D950-CORE Datasheet HTML 60Page - STMicroelectronics D950-CORE Datasheet HTML 61Page - STMicroelectronics D950-CORE Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 89 page
background image
58/89
D950-Core
6.3.2 Control I/O Electrical Characteristics
Figure 6.2
Control I/O Electrical Characteristics
Note:
C_load = 3 pF for all outputs
CONTROL In/Out are those defined in pin description tables
2.6 and 2.7.
Num
Parameter
Min
Typ
Max.
Unit
T10
INCYCLE High to CONTROL out valid
2.5
ns
T11
CONTROL In Setup to INCYCLE High
2
ns
T12
CONTROL In Hold from INCYCLE High
0
ns
T13
IT pulse min. duration
3
ns
T14
INCYCLE High to BSU_CLK High
0
ns
T15
DTACK setup to CLKIN low
-1.4
ns
VR01939B
CLKIN
CONTROL Out
CONTROL In
11
12
HOLDACK, EOI
13
IT
10
INCYCLE
BSU_CLK
14
DTACK
15
10
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com