Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D950-CORE Datasheet(PDF) 31 Page - STMicroelectronics

Part # D950-CORE
Description  16-Bit Fixed Point Digital Signal Processor DSP Core
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D950-CORE Datasheet(HTML) 31 Page - STMicroelectronics

Back Button D950-CORE Datasheet HTML 27Page - STMicroelectronics D950-CORE Datasheet HTML 28Page - STMicroelectronics D950-CORE Datasheet HTML 29Page - STMicroelectronics D950-CORE Datasheet HTML 30Page - STMicroelectronics D950-CORE Datasheet HTML 31Page - STMicroelectronics D950-CORE Datasheet HTML 32Page - STMicroelectronics D950-CORE Datasheet HTML 33Page - STMicroelectronics D950-CORE Datasheet HTML 34Page - STMicroelectronics D950-CORE Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 89 page
background image
31/89
D950-Core
HOLD State
This function allows the release of the buses for another device such as a DMA controller (see
Section 6.3.6).
Entering HOLD state: The HOLD signal is sampled at the beginning of every cycle. When
HOLD is recognized low, the processor immediately releases the I-bus and then releases the
X and Y buses after execution of the currently decoded instruction. Bus address, data and
control lines are then tri-stated.
Program execution is stopped and HOLDACK is asserted low during HOLD state.
Note:HOLD state can not be entered when the processor is in emulation mode.
Exit of HOLD state: The processor recovers bus mastership as soon as HOLD is sampled
high and next instruction is fetched.
HALT State
This function is used in emulation mode only. It is used to stop program execution by use of
the peripheral emulator unit (see Section 7.5).
4.3.8 Memory Moves with Wait States
DTACK input is used to stretch instruction cycles, in order to access slower memory and/or
peripherals. DTACK is sampled on the rising edge of CLKIN. If DTACK is high on the third
rising edge of the cycle, the cycle is extended by two CLKIN cycles (see Section 6.3.4).
Extension cycles are added by the clock generator until DTACK is recognized low.
Note:
DTACK generation can be controlled by the Bus Switch Interface peripheral (see Section 7.2).
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com