Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D950-CORE Datasheet(PDF) 69 Page - STMicroelectronics

Part # D950-CORE
Description  16-Bit Fixed Point Digital Signal Processor DSP Core
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D950-CORE Datasheet(HTML) 69 Page - STMicroelectronics

Back Button D950-CORE Datasheet HTML 65Page - STMicroelectronics D950-CORE Datasheet HTML 66Page - STMicroelectronics D950-CORE Datasheet HTML 67Page - STMicroelectronics D950-CORE Datasheet HTML 68Page - STMicroelectronics D950-CORE Datasheet HTML 69Page - STMicroelectronics D950-CORE Datasheet HTML 70Page - STMicroelectronics D950-CORE Datasheet HTML 71Page - STMicroelectronics D950-CORE Datasheet HTML 72Page - STMicroelectronics D950-CORE Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 89 page
background image
69/89
D950-Core
On the external side:
EA0/EA15 (external address bus) and ED0/ED15 (external data bus) with their associ-
ated control signals
EXRD/DS (external X-bus read (*) or data strobe (**) / output)
EXWR/RD (external X-bus write (*) or read/write (**) / output)
EYRD/DS (external Y-bus read (*) or data strobe (**) / output)
EYWR/RD (external Y-bus write (*) or read/write (**) / output)
EIRD/DS (external I-bus read (*) or data strobe (**) / output)
EIWR/RD (external I-bus write (*) or read/write (**) / output)
DEID (direct access external I memory enable)
DEXD (direct access external X memory enable)
DEYD (direct access external Y memory enable)
Note:
(*) INTEL type interface
(**) MOTOROLA type interface
RESET (reset / input)
DTACKin (data transfer acknowledge/input)
7.2.3 Operation
The BSU recognizes a bus cycle when IBS, XBS or YBS is activated. It decodes the address
value to determine if an external memory access is requested on the I, X or Y-bus and
generates the appropriate signals on the external bus side. The BSU can also generate the
DTACK signal only, depending on a control register bit value.
If more than one external memory access is attempted at one instruction cycle, they are
serviced sequentially in the following order: I-bus, X-bus, Y-bus.
If one or more external memory accesses are attempted in read mode, the corresponding
internal memory space can be disabled using IID (for I-bus), IXD (for X-bus) or IYD (for Y-bus),
assigned low until the end of the instruction cycle.
Each external access requires one basic instruction clock cycle (two CLKIN cycles), extended
by, at least, one wait-state (one BSU_CLK cycle). The number of wait-states can be extended,
either by software with the BSU control registers (see Section 7.2.4), or by hardware with the
DTACKin signal.
During each external memory access and according to the selected interface (INTEL or
MOTOROLA) and bus (X, Y or I), the corresponding external control signals are assigned low
and synchronized to the rising edge of BSU_CLK.
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com