Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D950-CORE Datasheet(PDF) 15 Page - STMicroelectronics

Part # D950-CORE
Description  16-Bit Fixed Point Digital Signal Processor DSP Core
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D950-CORE Datasheet(HTML) 15 Page - STMicroelectronics

Back Button D950-CORE Datasheet HTML 11Page - STMicroelectronics D950-CORE Datasheet HTML 12Page - STMicroelectronics D950-CORE Datasheet HTML 13Page - STMicroelectronics D950-CORE Datasheet HTML 14Page - STMicroelectronics D950-CORE Datasheet HTML 15Page - STMicroelectronics D950-CORE Datasheet HTML 16Page - STMicroelectronics D950-CORE Datasheet HTML 17Page - STMicroelectronics D950-CORE Datasheet HTML 18Page - STMicroelectronics D950-CORE Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 89 page
background image
15/89
D950-Core
Control registers
CCR:
Bits 0 to 12 are dedicated to the DCU (see Section 4.5.2).
BSC:
6-bit Barrel Shifter Control register. The BSC contains a 6-bit signed shift value
(2’s complement). If the value is positive (resp. negative), all shifts using the
BSC contents will provide a left (resp. right) shift. After reset, the BSC value is
0.
PSC:
6-bit Product Shift Control register. The PSC contains a 6-bit signed shift value.
If the value is positive (resp. negative) there will be a left (resp. right) shift on
the P-register. After reset, the PSC value is 0.
DCU0CR:
Bits 0 to 7 are copied from bits 0 to 7 of the STA register. Bit 10 is used for
clearing the lower part (bits 0 to 15) and sign extending bits 32 to 39 of the
accumulator when its higher part (bits 16 to 31) is loaded.
4.1.3 Multiplier
The D950-Core multiplier performs
16 x
16-bit multiplications
with the following
implementations (see SL and SR bits of STA register):
The 16 or 32-bit operands, are provided by a subset of the register file and stored in L1/L0 and
R1/R0, and accessed through X and Y buses.
The multiplication is performed in one single instruction cycle and the result is loaded in the
32-bit P register. The product can be either integer or fractional (see I-bit of STA register).
Rounding of the product is explicitly defined by the multiplication instructions (see Section
5.4.2).
SL
LL
SR
LR
Multiplication
0
X
0
X
Unsigned L-source
X
Unsigned R-source
1
0
0
X
Signed L-source
X
Unsigned R-source
0
X
1
0
Unsigned L-source
X
Signed R-source
1
0
1
0
Signed L-source
X
Signed R-source
SL
1
SR
X
Unsigned L0
X
Unsigned R-source
(dep on SR-bit)
or
Signed/Unsigned L-source
X
Signed/Unsigned R-source
SL
X
SR
1
Signed/Unsigned L-source
(depending on SL-bit)
X
Unsigned R0
or
Signed/Unsigned L-source
Signed/Unsigned R-source
IProduct
0
Fractional L-source
X
Fractional R-source
1
Integer L-source
X
Integer R-source
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com