Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D950-CORE Datasheet(PDF) 76 Page - STMicroelectronics

Part # D950-CORE
Description  16-Bit Fixed Point Digital Signal Processor DSP Core
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D950-CORE Datasheet(HTML) 76 Page - STMicroelectronics

Back Button D950-CORE Datasheet HTML 72Page - STMicroelectronics D950-CORE Datasheet HTML 73Page - STMicroelectronics D950-CORE Datasheet HTML 74Page - STMicroelectronics D950-CORE Datasheet HTML 75Page - STMicroelectronics D950-CORE Datasheet HTML 76Page - STMicroelectronics D950-CORE Datasheet HTML 77Page - STMicroelectronics D950-CORE Datasheet HTML 78Page - STMicroelectronics D950-CORE Datasheet HTML 79Page - STMicroelectronics D950-CORE Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 89 page
background image
76/89
D950-Core
ISPR Interrupt Stack Pointer Register
ISPR contains the number of stacked priority levels. If the ISPR value is directly written, the
SPLi/CPL values are modified. So the ICR register content is no longer significant but the
interrupt routine procedure is not affected. After reset, ISPR default value is 0.
ISPR:
Number of stacked priority levels (0, 1, 2 or 3)
Note:’-’ is RESERVED (read: 0, write: don't care)
ISR Interrupt Status Register
ISR contains the eight interrupt pending bits, each being associated to one ITRQi interrupt
input.
IPEi-bit is set when the interrupt request is recorded and is reset when the interrupt request is
acknowledged (ITACK falling edge).
An interrupt request will not be acknowledged when IPEi-bit is reset by direct register write.
An interrupt request will be generated whatever the state of ITRQi when IPEi-bit is set by a
direct register write.
When only some pending interrupt requests need to be acknowledged, the IPEi bits of the
other ITRQi interrupt inputs must be reset.
When none of the pending interrupt requests need to be acknowledged, the IPE-bit of CCR
register must be first reset and ISR must be reset.
When IMi-bit is set, the corresponding IPEi-bit is reset. After reset, ISR default value is 0.
IPEi:
Interrupt Pending bit
0: Reset when interrupt request is acknowledged (def.)
1: Set when interrupt request is recorded
Note:‘-’ is RESERVED (read: 0, write: don't care)
15
14
13
12
11
10
9
8
7
6
5
4
3
2 - 1 - 0
-
---
--
-
-
-
-
-
-
-
ISPR
15
14
13
12
11
10
9876543210
--------
IPE7 IPE6 IPE5 IPE4 IPE3 IPE2 IPE1 IPE0
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com